Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL603USB-A Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # GL603USB-A
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-A Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button GL603USB-A Datasheet HTML 19Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 20Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 21Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 22Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 23Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 24Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 25Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 26Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
23
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
The rise and fall time of the signals on this cable are greater than 75ns to keep RFI (radio frequency
interference) emissions under FCC (Federal Communications Commission) class B limits and less than
300ns to limit timing delays, signaling skews, and distortions. The driver reaches the specified static signal
levels with smooth rise and fall times, and minimal reflections and ringing when driving the cable. This
driver is used only on segments between low-speed devices and the ports to which they are connected.
USB data transmission is done with differential signals. A differential input receiver is used to accept the
USB data signal. A differential 1 on the bus is represented by D+ being at least 200mV more positive than
D- as seen at the receiver, and a differential 0 is represented by D- being at least 200mV more positive than
D+ as seen at the receiver. The signal cross over point must be between 1.3V and 2.0V.
The receiver features an input sensitivity of 200mV when both differential data inputs are in the range of
0.8V and 2.5V with respect to the local ground reference. This is called the common mode input voltage
range. Proper data reception also is achieved when the differential data lines are outside the common mode
range. The receiver can tolerate static input voltage between –0.5V to 3.8V with respect to its local ground
reference without damage. In addition to the differential receiver, there is a single-ended receiver for each
of the two data lines.
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Common Mode Input Voltage (volts)
Figure 4-3 Differential Input Sensitivity over Entire Common Mode Range
The data receivers for all types of devices must be able to properly decode the differential data in the
presence of jitter. The more of the bit time that any data edge can occupy and still be decoded, the more
reliable the data transfer will be. Data receivers are required to decode differential data transitions that
occur in a window plus and minus a nominal quarter bit time from the nominal (centered) data edge
position. Jitter will be caused by the delay mismatches and by mismatches in the source and destination
data rates (frequencies).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com