Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL603USB-A Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL603USB-A
Description  USB PS/2 MOUSE MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL603USB-A Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL603USB-A Datasheet HTML 9Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 10Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 11Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 12Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 13Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 14Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 15Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 16Page - List of Unclassifed Manufacturers GL603USB-A Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
09/22/00
GL603USB/GL603USB-A/GL603USB-B
Revision 1.4
01h
TIMER
81h
PSCON
02h
PCL
82h
PCL
03h
STATUS
83h
STATUS
04h
INDAR
84h
INDAR
05h
85h
06h
PORT1
86h
PORT1CON
07h
PORT2
87h
PORT2CON
08h
88h
09h
89h
0Ah
PCHBUF
8Ah
PCHBUF
0Bh
INTEN
8Bh
INTEN
0Ch
8Ch
0Dh
PHVAL
8Dh
0Eh
PHSEL
8Eh
0Fh
DMODE
8Fh
10h
DEVCTL
10h
11h
MODSEL
11h
12h
EVTFLG
12h
13h
DEVADR
13h
14h
FFCNT0
14h
15h
FFCNT1
15h
16h
FFCTL
16h
17h
FFDAT0
17h
18h
FFDAT1
18h
19h
EP0RXST
19h
1Ah
1Fh
20h
5Fh
General
Purpose
Registers
(64 bytes)
60h
7Fh
FFh
Bank 0
Bank 1
Figure 4-2 Data Memory Space
4.2
USB FUNCTION REGISTERS
Address
Name
Function
10h
DEVCTL
Device control register
11h
MODSEL
Mode select register
12h
EVTFLG
Event flag register
13h
DEVADR
USB device address register
14h
FFCNT0
Byte count buffer for endpoint 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com