Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA36CDT3 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SDA36CDT3
Description  DUAL LINE CAN BUS PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SDA36CDT3 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SDA36CDT3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA36CDT3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA36CDT3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDA36CDT3
DUAL LINE CAN BUS PROTECTOR
Features
●
Ultra low leakage: nA level
●
Operating voltage: 36V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±15kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 24A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions SOT-23
Pin Configuration
Mechanical Characteristics
●
Package: SOT-23
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
200
W
ESD per IEC 61000−4−2 (Air)
VESD
±25
Kv
ESD per IEC 61000−4−2 (Contact)
±15
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - SDA36CDT3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA36CHF SSDI-SDA36CHF Datasheet
226Kb / 2P
14 AMP RECITIFIER ASSEMBLY
More results

Similar Description - SDA36CDT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Diodes Incorporated
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
DUAL LINE CAN BUS PROTECTOR
Rev 1
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
Dual Line CAN Bus Protector
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
Dual Line CAN Bus Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com