Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP720F Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 2Page - Infineon Technologies AG BFP720F Datasheet HTML 3Page - Infineon Technologies AG BFP720F Datasheet HTML 4Page - Infineon Technologies AG BFP720F Datasheet HTML 5Page - Infineon Technologies AG BFP720F Datasheet HTML 6Page - Infineon Technologies AG BFP720F Datasheet HTML 7Page - Infineon Technologies AG BFP720F Datasheet HTML 8Page - Infineon Technologies AG BFP720F Datasheet HTML 9Page - Infineon Technologies AG BFP720F Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
BFP720F
List of Tables
Data Sheet
6
Revision 1.1, 2012-10-25
Table 3-1
Maximum Ratings at TA = 25 °C (unless otherwise specified) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 4-1
Thermal Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5-1
DC Characteristics at TA = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 5-2
AC Characteristics at TA = 25 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 5-3
AC Characteristics, VCE = 3 V, f = 150 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 5-4
AC Characteristics, VCE = 3 V, f = 450 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 5-5
AC Characteristics, VCE = 3 V, f = 900 MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 5-6
AC Characteristics, VCE = 3 V, f = 1.5 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 5-7
AC Characteristics, VCE = 3 V, f = 1.9 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 5-8
AC Characteristics, VCE = 3 V, f = 2.4 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 5-9
AC Characteristics, VCE = 3 V, f = 3.5 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 5-10 AC Characteristics, VCE = 3 V, f = 5.5 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 5-11 AC Characteristics, VCE = 3 V, f = 10 GHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
List of Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com