Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP720F Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 4Page - Infineon Technologies AG BFP720F Datasheet HTML 5Page - Infineon Technologies AG BFP720F Datasheet HTML 6Page - Infineon Technologies AG BFP720F Datasheet HTML 7Page - Infineon Technologies AG BFP720F Datasheet HTML 8Page - Infineon Technologies AG BFP720F Datasheet HTML 9Page - Infineon Technologies AG BFP720F Datasheet HTML 10Page - Infineon Technologies AG BFP720F Datasheet HTML 11Page - Infineon Technologies AG BFP720F Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
BFP720F
Features
Data Sheet
8
Revision 1.1, 2012-10-25
2
Features
Applications
FM Radio, Mobile TV, RKE, AMR, Cellular, ZigBee, GPS, WiMAX, SDARs, Satellite Radio, Bluetooth, WiFi,
Cordless phone, UMTS, WLAN, UWB, LNB
Attention: ESD (Electrostatic discharge) sensitive device, observe handling precautions
•
High performance general purpose wideband LNA transistor
•
Operation voltage: 1.0 V to 4.0 V
•
Transistor geometry optimized for low current applications
•
26.5 dB maximum stable gain at 1.9 GHz and only 13 mA
•
15 dB maximum available gain at 10 GHz and only 13 mA
•
0.7 dB minimum noise figure at 5.5 GHz and 1.0 dB at 10 GHz
•
High linearity OP1dB = 7 dBm and OIP3 = 21 dBm at 5.5 GHz
and low current consumption of 13 mA
•
Thin small flat Pb-free (RoHS compliant) and halogen-free
package with visible leads
•
Qualification report according to AEC-Q101 available
Product Name
Package
Pin Configuration
Marking
BFP720F
TSFP-4-1
1 = B
2 = E
3 = C
4 = E
R9s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com