Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP720F Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP720F
Description  Low Noise Silicon Germanium Bipolar RF Transistor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 3Page - Infineon Technologies AG BFP720F Datasheet HTML 4Page - Infineon Technologies AG BFP720F Datasheet HTML 5Page - Infineon Technologies AG BFP720F Datasheet HTML 6Page - Infineon Technologies AG BFP720F Datasheet HTML 7Page - Infineon Technologies AG BFP720F Datasheet HTML 8Page - Infineon Technologies AG BFP720F Datasheet HTML 9Page - Infineon Technologies AG BFP720F Datasheet HTML 10Page - Infineon Technologies AG BFP720F Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
BFP720F
Product Brief
Data Sheet
7
Revision 1.1, 2012-10-25
1
Product Brief
The BFP720F is a very low noise wideband NPN bipolar RF transistor. The device is based on Infineon’s reliable
high volume silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design supports
voltages up to VCEO = 4.0 V and currents up to IC = 25 mA. The device is especially suited for mobile applications
in which low power consumption is a key requirement. The typical transition frequency is approximately 45 GHz,
hence the device offers high power gain at frequencies up to 12 GHz in amplifier applications. The device is
housed in a thin small flat plastic package with visible leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com