Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS064S Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S25FS064S
Description  64 Mbit (8 Mbyte), 1.8-V FS-S Flash
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS064S Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S25FS064S Datasheet HTML 9Page - Cypress Semiconductor S25FS064S Datasheet HTML 10Page - Cypress Semiconductor S25FS064S Datasheet HTML 11Page - Cypress Semiconductor S25FS064S Datasheet HTML 12Page - Cypress Semiconductor S25FS064S Datasheet HTML 13Page - Cypress Semiconductor S25FS064S Datasheet HTML 14Page - Cypress Semiconductor S25FS064S Datasheet HTML 15Page - Cypress Semiconductor S25FS064S Datasheet HTML 16Page - Cypress Semiconductor S25FS064S Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 147 page
background image
Document Number: 002-03631 Rev. *C
Page 13 of 147
S25FS064S
PRELIMINARY
4.2
Command Protocol
All communication between the host system and FS-S Family memory devices is in the form of units called commands.
All commands begin with an 8-bit instruction that selects the type of information transfer or device operation to be performed.
Commands may also have an address, instruction modifier, latency period, data transfer to the memory, or data transfer from the
memory. All instruction, address, and data information is transferred sequentially between the host system and memory device.
Command protocols are also classified by a numerical nomenclature using three numbers to reference the transfer width of three
command phases:
instruction
address and instruction modifier (continuous read mode bits)
data
Single bit wide commands start with an instruction and may provide an address or data, all sent only on the SI signal. Data may be
sent back to the host serially on the SO signal. This is referenced as a 1-1-1 command protocol for single bit width instruction, single
bit width address and modifier, single bit data.
Dual Output or Quad Output commands provide an address sent from the host as serial on SI (IO0) then followed by dummy cycles.
Data is returned to the host as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0, IO1, IO2, and IO3. This is referenced as
1-1-2 for Dual-O and 1-1-4 for Quad-O command protocols.
Dual or Quad Input / Output (I/O) commands provide an address sent from the host as bit pairs on IO0 and IO1 or, four bit (nibble)
groups on IO0, IO1, IO2, and IO3. Data is returned to the host similarly as bit pairs on IO0 and IO1 or, four bit (nibble) groups on IO0,
IO1, IO2, and IO3. This is referenced as 1-2-2 for Dual I/O and 1-4-4 for Quad I/O command protocols.
The FS-S Family also supports a QPI mode in which all information is transferred in 4-bit width, including the instruction, address,
modifier, and data. This is referenced as a 4-4-4 command protocol.
Commands are structured as follows:
Each command begins with CS# going low and ends with CS# returning high. The memory device is selected by the host driving
the Chip Select (CS#) signal low throughout a command.
The serial clock (SCK) marks the transfer of each bit or group of bits between the host and memory.
Each command begins with an eight bit (byte) instruction. The instruction selects the type of information transfer or device
operation to be performed. The instruction transfers occur on SCK rising edges. However, some read commands are modified by
a prior read command, such that the instruction is implied from the earlier command. This is called Continuous Read Mode. When
the device is in continuous read mode, the instruction bits are not transmitted at the beginning of the command because the
instruction is the same as the read command that initiated the Continuous Read Mode. In Continuous Read mode the command
will begin with the read address. Thus, Continuous Read Mode removes eight instruction bits from each read command in a
series of same type read commands.
The instruction may be stand alone or may be followed by address bits to select a location within one of several address spaces
in the device. The instruction determines the address space used. The address may be either a 24 bit or a 32 bit, byte boundary,
address. The address transfers occur on SCK rising edge, in SDR commands, or on every SCK edge, in DDR commands.
In legacy SPI mode, the width of all transfers following the instruction are determined by the instruction sent. Following transfers
may continue to be single bit serial on only the SI or Serial Output (SO) signals, they may be done in two bit groups per (dual)
transfer on the IO0 and IO1 signals, or they may be done in 4 bit groups per (quad) transfer on the IO0-IO3 signals. Within the
dual or quad groups the least significant bit is on IO0. More significant bits are placed in significance order on each higher
numbered IO signal. Single bits or parallel bit groups are transferred in most to least significant bit order.
In QPI mode, the width of all transfers is a 4-bit wide (quad) transfer on the IO0-IO3 signals.
Dual and Quad I/O read instructions send an instruction modifier called Continuous Read mode bits, following the address, to
indicate whether the next command will be of the same type with an implied, rather than an explicit, instruction. These mode bits
initiate or end the continuous read mode. In continuous read mode, the next command thus does not provide an instruction byte,
only a new address and mode bits. This reduces the time needed to send each command when the same command type is
repeated in a sequence of commands. The mode bit transfers occur on SCK rising edge, in SDR commands, or on every SCK
edge, in DDR commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com