Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FS064S Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S25FS064S
Description  64 Mbit (8 Mbyte), 1.8-V FS-S Flash
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FS064S Datasheet(HTML) 2 Page - Cypress Semiconductor

  S25FS064S Datasheet HTML 1Page - Cypress Semiconductor S25FS064S Datasheet HTML 2Page - Cypress Semiconductor S25FS064S Datasheet HTML 3Page - Cypress Semiconductor S25FS064S Datasheet HTML 4Page - Cypress Semiconductor S25FS064S Datasheet HTML 5Page - Cypress Semiconductor S25FS064S Datasheet HTML 6Page - Cypress Semiconductor S25FS064S Datasheet HTML 7Page - Cypress Semiconductor S25FS064S Datasheet HTML 8Page - Cypress Semiconductor S25FS064S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
Document Number: 002-03631 Rev. *C
Page 2 of 147
S25FS064S
PRELIMINARY
Performance Summary
Maximum Read Rates
Command
Clock Rate (MHz)
MB/s
Read
50
6.25
Fast Read
133
16.5
Dual Read
133
33
Quad Read
133
66
DDR Quad I/O Read
80
80
Typical Program and Erase Rates
Operation
KB/s
Page Programming (256 Bytes page buffer)
711
Page Programming (512 Bytes page buffer)
1077
4 KBytes Physical Sector Erase (Hybrid Sector Option)
16
64 KBytes Sector Erase
355
256 KBytes Sector Erase
355
Typical Current Consumption,
40°C to +85°C
Operation
Current (mA)
Serial Read 50 MHz
10
Serial Read 133 MHz
25
Quad Read 133 MHz
60
Quad DDR Read 80 MHz
70
Program
60
Erase
60
Standby
0.025
Deep Power Down
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com