Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2593HV Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2593HV Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2593HV Datasheet HTML 9Page - National Semiconductor (TI) LM2593HV Datasheet HTML 10Page - National Semiconductor (TI) LM2593HV Datasheet HTML 11Page - National Semiconductor (TI) LM2593HV Datasheet HTML 12Page - National Semiconductor (TI) LM2593HV Datasheet HTML 13Page - National Semiconductor (TI) LM2593HV Datasheet HTML 14Page - National Semiconductor (TI) LM2593HV Datasheet HTML 15Page - National Semiconductor (TI) LM2593HV Datasheet HTML 16Page - National Semiconductor (TI) LM2593HV Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
INDUCTOR VALUE SELECTION GUIDES (For Continuous Mode Operation) (Continued)
10133368
FIGURE 7. Current Ripple Ratio
Coilcraft Inc.
Phone
(USA): 1-800-322-2645
Web Address
http://www.coilcraft.com
Coilcraft Inc., Europe
Phone
(UK): 1-236-730595
Web Address
http://www.coilcraft-europe.com
Pulse Engineering Inc.
Phone
(USA): 1-858-674-8100
Web Address
http://www.pulseeng.com
Pulse Engineering Inc.,
Phone
(UK): 1-483-401700
Europe
Web Address
http://www.pulseeng.com
Renco Electronics Inc.
Phone
(USA): 1-321-637-1000
Web Address
http://www.rencousa.com
Schott Corp.
Phone
(USA): 1-952-475-1173
Web Address
http://www.shottcorp.com
Cooper Electronic Tech.
(Coiltronics)
Phone
(USA): 1-888-414-2645
Web Address
http://www.cooperet.com
FIGURE 8. Contact Information for Suggested Inductor Manufacturers
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com