Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2593HV Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2593HV Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2593HV Datasheet HTML 13Page - National Semiconductor (TI) LM2593HV Datasheet HTML 14Page - National Semiconductor (TI) LM2593HV Datasheet HTML 15Page - National Semiconductor (TI) LM2593HV Datasheet HTML 16Page - National Semiconductor (TI) LM2593HV Datasheet HTML 17Page - National Semiconductor (TI) LM2593HV Datasheet HTML 18Page - National Semiconductor (TI) LM2593HV Datasheet HTML 19Page - National Semiconductor (TI) LM2593HV Datasheet HTML 20Page - National Semiconductor (TI) LM2593HV Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Application Information (Continued)
Layout Suggestions
As in any switching regulator, layout is very important. Rap-
idly switching currents associated with wiring inductance can
generate voltage transients which can cause problems. For
minimal inductance and ground loops, with reference to
Figure 1, the wires indicated by heavy lines should be wide
printed circuit traces and should be kept as short as
possible. For best results, external components should be
located as close to the switcher lC as possible using ground
plane construction or single point grounding.
If open core inductors are used, special care must be
taken as to the location and positioning of this type of induc-
tor. Allowing the inductor flux to intersect sensitive feedback,
lC groundpath and C
OUT wiring can cause problems.
When using the adjustable version, special care must be
taken as to the location of the feedback resistors and the
associated wiring. Physically locate both resistors near the
IC, and route the wiring away from the inductor, especially an
open core type of inductor.
10133338
FIGURE 15. Junction Temperature Rise, TO-263
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com