Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2593HV Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2593HV
Description  SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2593HV Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2593HV Datasheet HTML 1Page - National Semiconductor (TI) LM2593HV Datasheet HTML 2Page - National Semiconductor (TI) LM2593HV Datasheet HTML 3Page - National Semiconductor (TI) LM2593HV Datasheet HTML 4Page - National Semiconductor (TI) LM2593HV Datasheet HTML 5Page - National Semiconductor (TI) LM2593HV Datasheet HTML 6Page - National Semiconductor (TI) LM2593HV Datasheet HTML 7Page - National Semiconductor (TI) LM2593HV Datasheet HTML 8Page - National Semiconductor (TI) LM2593HV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Supply Voltage (V
IN)
63V
SD /SS Pin Input Voltage (Note 2)
6V
Delay Pin Voltage (Note 2)
1.5V
Flag Pin Voltage
−0.3
≤ V ≤45V
Feedback Pin Voltage
−0.3
≤ V ≤+25V
Output Voltage to Ground
(Steady State)
−1V
Power Dissipation
Internally limited
Storage Temperature Range
−65˚C to +150˚C
ESD Susceptibility
Human Body Model (Note 3)
2 kV
Lead Temperature
S Package
Vapor Phase (60 sec.)
+215˚C
Infrared (10 sec.)
+245˚C
T Package (Soldering, 10 sec.)
+260˚C
Maximum Junction Temperature
+150˚C
Operating Conditions
Temperature Range
−40˚C
≤ T
J ≤ +125˚C
Supply Voltage
4.5V to 60V
LM2593HV-3.3
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
LM2593HV-3.3
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit
Figure 1
V
OUT
Output Voltage
4.75V
≤ V
IN ≤ 60V, 0.2A ≤ ILOAD ≤ 2A
3.3
V
3.168/3.135
V(min)
3.432/3.465
V(max)
η
Efficiency
V
IN = 12V, ILOAD =2A
76
LM2593HV-5.0
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
LM2593HV-5.0
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit
Figure 1
V
OUT
Output Voltage
7V
≤ V
IN ≤ 60V, 0.2A ≤ ILOAD ≤ 2A
5
V
4.800/4.750
V(min)
5.200/5.250
V(max)
η
Efficiency
V
IN = 12V, ILOAD =2A
81
%
LM2593HV-ADJ
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range.
Symbol
Parameter
Conditions
LM2593HV-ADJ
Units
(Limits)
Typ
Limit
(Note 4)
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit
Figure 1
V
FB
Feedback Voltage
4.5V
≤ V
IN ≤ 60V, 0.2A ≤ ILOAD ≤ 2A
1.230
V
V
OUT programmed for 3V. Circuit of Figure 1.
1.193/1.180
V(min)
1.267/1.280
V(max)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com