Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7233 Datasheet(PDF) 11 Page - Analog Devices

Part # IRF7233
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7233 Datasheet(HTML) 11 Page - Analog Devices

Back Button IRF7233 Datasheet HTML 7Page - Analog Devices IRF7233 Datasheet HTML 8Page - Analog Devices IRF7233 Datasheet HTML 9Page - Analog Devices IRF7233 Datasheet HTML 10Page - Analog Devices IRF7233 Datasheet HTML 11Page - Analog Devices IRF7233 Datasheet HTML 12Page - Analog Devices IRF7233 Datasheet HTML 13Page - Analog Devices IRF7233 Datasheet HTML 14Page - Analog Devices IRF7233 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. C
ADN8830
–11–
The phase adjusted output from the ADN8830 is available at
SYNCOUT (Pin 28). This pin can be used as a master clock
signal for driving other ADN8830 devices. Multiple ADN8830
devices can be either driven from a single master ADN8830
device by connecting its SYNCOUT pin to each slave’s SYNCIN
pin or daisy-chained by connecting each device’s SYNCOUT to
the next device’s SYNCIN pin.
Phase shifting is useful in systems that use more than one
ADN8830 TEC controller. It ensures the ADN8830 devices
will not switch at the same time, which could create excessive
ripple on the power supply voltage. By adjusting the phase of
each device, the switching transients can be spaced equally over
the clock period, reducing potential supply ripple and easing the
instantaneous current demand from the supply.
Using a single master clock, each slave ADN8830 should have a
different value phase shift. For example, with four TEC con-
trollers, one slave device should be set for 90
° of phase shift,
another for 180
°, and the last for 270°. In a daisy-chain configu-
ration, each slave device would be set with equal phase. Using
the previous example, each slave would be set to 90
° with its
SYNCOUT pin connected to the next device’s SYNCIN pin.
Examples are shown in Figures 7 and 8.
0.1 F
1k
1nF
24
1.5M
0.1 F
1k
1nF
24
ADN8830
SLAVE
25
29
26
28
100k
7
100k
NC
ADN8830
MASTER
25
29
26
RFREQ
28
ADN8830
SLAVE
25
29
26
1.5M
0.1 F
1k
1nF
24
28
50k
7
150k
NC
ADN8830
SLAVE
25
29
26
28
150k
7
50k
NC
6
VDD
24
Figure 7. Multiple ADN8830 Devices Driven from
a Master Clock
Soft Start on Power-Up
The ADN8830 can be programmed to ramp up for a specified
time after the power supply is applied or after shutdown is
de-asserted. This feature, known as soft start, is useful for
gradually increasing the duty cycle of the PWM amplifier. The
soft start time is set with a single capacitor connected from Pin 27
to ground according to Equation 14.
τ
SS
SS
C
=×
150
(14)
where CSS is the value of the capacitor in microfarads, and SS is
the soft start time in milliseconds. To set a soft start time of 15 ms,
CSS should equal 0.1
µF. A minimum soft start time of 10 ms is
recommended to ensure proper initialization of the ADN8830
on power-up.
Shutdown Mode
The ADN8830 has a shutdown mode that deactivates the output
stage and puts the device into a low current standby state. The
current draw for the ADN8830 in shutdown is less than 100
µA.
The shutdown input, Pin 3, is active low. To shut down the
device, Pin 3 should be driven to logic low. Once a logic high is
applied, the ADN8830 will reactivate after the delay set by the
soft start circuitry. Refer to the Soft Start on Power-Up section
for more details on this feature.
Pin 3 should not be left floating as there are no internal pull-up
or pull-down resistors. If the shutdown function is not required,
Pin 3 should be tied to VDD to ensure the device is always active.
Compensation Loop
The ADN8830 TEC controller has a built-in amplifier dedicated
for loop compensation. The exact compensation network is set
by the user and can vary from a simple integrator to PI, PID, or
any other type of network. The type of compensation and com-
ponent values should be determined by the user since it will
depend on the thermal response of the object and the TEC. One
method for determining these values empirically is to input a step
function to TEMPSET, thus changing the target temperature,
and adjusting the compensation network to minimize the set-
tling time of the object’s temperature.
A typical compensation network used for temperature control
of a laser module is a PID loop, which consists of a very low
frequency pole and two separate zeros at higher frequencies.
Figure 9 shows a simple network for implementing PID com-
pensation. An additional pole is added at a higher frequency
than the zeros to reduce the noise sensitivity of the control loop.
The bode plot of the magnitude is shown in Figure 10.
29
6
ADN8830
MASTER
25
NC
26
RFREQ
ADN8830
SLAVE
25
29
26
1.5M
28
50k
7
150k
28
25
29
26
1.5M
28
50k
7
150k
25
29
26
1.5M
28
50k
7
150k
NC
VDD
24
24
24
24
1k
0.1 F
1nF
1k
0.1 F
1nF
1k
0.1 F
1nF
ADN8830
SLAVE
ADN8830
SLAVE
Figure 8. Multiple ADN8830 Devices Using a Daisy Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com