Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7233 Datasheet(PDF) 20 Page - Analog Devices

Part # IRF7233
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7233 Datasheet(HTML) 20 Page - Analog Devices

Back Button IRF7233 Datasheet HTML 16Page - Analog Devices IRF7233 Datasheet HTML 17Page - Analog Devices IRF7233 Datasheet HTML 18Page - Analog Devices IRF7233 Datasheet HTML 19Page - Analog Devices IRF7233 Datasheet HTML 20Page - Analog Devices IRF7233 Datasheet HTML 21Page - Analog Devices IRF7233 Datasheet HTML 22Page - Analog Devices IRF7233 Datasheet HTML 23Page - Analog Devices IRF7233 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. C
–20–
ADN8830
If the voltage at VSY drops below VX, Q1 is turned off and the
VLIM pin will be set to 1.5 V, effectively setting the maximum
voltage across the outputs to 0 V. The voltage divider for VX is
calculated from Equation 43.
Design Example 5
A maximum output current limit needs to be set at 1.5 A for a
TEC with a maximum voltage rating of 2.5 V. The ADN8830 is
powered from 5 V. The TEC resistance is estimated at 1.67
Ω and
efficiency at 85%. Using Equation 43, the voltage drop across
RS will be 8.8 mV when 1.5 A is delivered to the TEC. The trip
voltage VX is set to 4.991 V with R3 = 178
Ω and R4 = 100 kΩ
as shown in Figure 21. To set the output voltage limit to 2.5 V,
the voltage at VLIMIT should be set to 0.875 V according to
Equation 17.
The C1 capacitor is added to smooth the voltage transitions at
VLIM. Once an overcurrent condition is detected, the output
voltage will turn down to 0 V within 30 ms.
For a more exact measurement of the output current, place a
sense resistor in series with the output load, as shown in Figure 23.
The AD626 instrumentation amplifier is set for a gain of 100
with a reference voltage of 2.47 V from VREF. The output of
the AD626 is equal to 100
× R
S
× I
L and is fed to the AD8602,
which is set up as a window comparator. With VX greater than
VLO but less than VHI, VLIM will be pulled down to the volt-
age at VLIMIT. Should VX fall outside the voltage window,
VLIM will be pulled to 1.5 V as in Figure 21. The trip points
should be set according to
VHI
VREF
R I
VLO
VREF
R I
S LIMIT
S LIMIT
=+
×
=×
+
100
100
–
–
(44)
AVDD
Q1,Q2
FDG6303N
OR
EQUIVA-
LENT
8
TO
VREF
1nF
AVDD
TO
OUT B
RS
10m
IL
TO
TEC
VLIMIT
(0V TO 1.5V)
TO
VLIM
R2
1.47k
R1
3.48k
AVDD
200k
300k
300k
200k
VX
VLO
AD8602
AD626
AVDD
VHI
Figure 23. High Accuracy Output Current Limit
The upper and lower trip point voltages can be set independently,
allowing different maximum output current limits depending on
the direction of the current. The resistor divider for VHI and
VLO is tapped to VREF to maintain window accuracy with any
changes in VREF. Using the values from Figure 23 with a 5 V
supply, the output current will not exceed 1.5 A in either direction.
Adding the current sensing resistor will slightly reduce efficiency.
The power dissipated by this resistor is D
× ITEC2 × R
S if the
TEC is heating, or (1–D)
× ITEC2 × R
S if the TEC is cooling.
Include this when calculating efficiency as described in the
Calculating Power Dissipation and Efficiency section.
25mV/ C
OUTOA
ADT70
1k
OUTIA
–INOA
5.11k
AGND
4.99k
RGA
RGB
INST
AMP
–INIA
+INIA
+INOA
R3
1k
R3
82.5
IOUTB
IOUTA
RTD
1k
R3
82.5
GND
SENSE
5V
NOTE: ADDITIONAL PINS OMITTED FOR CLARITY
TO THERM_IN
= 1V @ 25 C
Figure 22. Using an RTD for Temperature Feedback to the ADN8830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com