Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7233 Datasheet(PDF) 2 Page - Analog Devices

Part # IRF7233
Description  Thermoelectric Cooler Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

IRF7233 Datasheet(HTML) 2 Page - Analog Devices

  IRF7233 Datasheet HTML 1Page - Analog Devices IRF7233 Datasheet HTML 2Page - Analog Devices IRF7233 Datasheet HTML 3Page - Analog Devices IRF7233 Datasheet HTML 4Page - Analog Devices IRF7233 Datasheet HTML 5Page - Analog Devices IRF7233 Datasheet HTML 6Page - Analog Devices IRF7233 Datasheet HTML 7Page - Analog Devices IRF7233 Datasheet HTML 8Page - Analog Devices IRF7233 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
REV. C
–2–
ADN8830–SPECIFICATIONS
(@ VDD = 3.3 V to 5.0 V, VGND = 0 V, TA = 25 C, TSET = 25 C, using typical application
configuration as shown in Figure 1, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE STABILITY
Long-Term Stability
Using 10 k
Ω thermistor with
= –4.4% at 25
°C
0.01
°C
PWM OUTPUT DRIVERS
Output Transition Time
tR, tF
CL = 3,300 pF
20
ns
Nonoverlapping Clock Delay
50
65
ns
Output Resistance
RO (N1, P1)
IL = 50 mA
6
Ω
Output Voltage Swing
OUT A
VLIM = 0 V
0
VDD
V
Output Voltage Ripple
OUT A
fCLK = 1 MHz
0.2
%
Output Current Ripple
ITEC
fCLK = 1 MHz
0.2
%
LINEAR OUTPUT AMPLIFIER
Output Resistance
RO, P2
IOUT = 2 mA
85
Ω
RO, N2
IOUT = 2 mA
178
Ω
Output Voltage Swing
OUT B
0
VDD
V
POWER SUPPLY
Power Supply Voltage
VDD
3.0
5.5
V
Power Supply Rejection Ratio
PSRR
VDD = 3.3 V to 5 V, VTEC = 0 V
80
92
dB
–40
°C ≤ T
A
≤ +85°C60
dB
Supply Current
ISY
PWM not switching
8
12
mA
–40
°C ≤ TA ≤ +85°C15
mA
Shutdown Current
ISD
Pin 10 = 0 V
5
µA
Soft-Start Charging Current
ISS
15
µA
Undervoltage Lockout
VOLOCK
Low-to-high threshold
2.0
2.7
V
ERROR AMPLIFIER
Input Offset Voltage
VOS
VCM = 1.5 V
50
250
µV
Gain
AV, IN
20
V/V
Input Voltage Range
VCM
0.2
2.0
V
Common-Mode Rejection Ratio
CMRR
0.2 V < VCM < 2.0 V
58
68
dB
–40
°C ≤ TA ≤ +85°C55
dB
Open-Loop Input Impedance
RIN
1G
Ω
Gain-Bandwidth Product
GBW
2
MHz
REFERENCE VOLTAGE
Reference Voltage
VREF
IREF < 2 mA
2.37
2.47
2.57
V
OSCILLATOR
Synchronization Range
fCLK
Pin 25 connected to external clock
200
1,000
kHz
Oscillator Frequency
fCLK
Pin 24 = VDD; (R = 150 k
Ω;
800
1,000
1,250
kHz
Pin 25 = GND)
LOGIC CONTROL
*
Logic Low Input Threshold
0.2
V
Logic High Input Threshold
3
V
Logic Low Output Level
0.2
V
Logic High Output Threshold
VDD – 0.2
V
*Logic inputs meet typical CMOS I/O conditions for source/sink current (~1
µA).
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com