Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF4080C Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF4080C
Description  Ultralow forward voltage drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF4080C Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF4080C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Data
Green Products
Data Sheet N1755, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
STF4080C
Electrical Characteristics:
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
in DC forward mode
-55 to +175
°C
Storage Temperature
Tstg
-
-55 to +175
°C
Typical Thermal Resistance
Junction to Case
(per leg)
RθJC
DC operation
5.0
°C/W
Approximate Weight
wt
-
2
g
Case Style
ITO-220AB
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(per leg) *
VF1
@ 10A, Pulse, TJ = 25 °C
@ 20A, Pulse, TJ = 25 °C
0.54
0.69
0.60
0.75
V
VF2
@ 10A, Pulse, TJ = 25 °C
@ 20A, Pulse, TJ = 125 °C
0.52
0.65
0.57
0.70
V
Reverse Current at DC
condition (per leg)
Reverse Current (per leg) *
IR1
@VR = rated VR
TJ = 25 °C
0.02
1.0
mA
IR2
@VR = rated VR
TJ = 125 °C
14
75
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
811
-
pF
RSM Isolation Voltage
(t = 1.0 second, R. H. <
=30%,
TA = 25 °C)
VISO
Clip mounting, the epoxy body
away from the heatsink edge by
more than 0.110" along the lead
direction.
-
4500
V
Clip mounting, the epoxy body is
inside the heatsink.
-
3500
Screw mounting, the epoxy body is
inside the heatsink.
-
1500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com