Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF4080C Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF4080C
Description  Ultralow forward voltage drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF4080C Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF4080C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Green Products
Data Sheet N1755, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
STF4080C
STF4080C SCHOTTKY RECTIFIER
Applications:
•
Switching power supply
•
Converters
•
Free-Wheeling diodes
•
Reverse battery protection
Features:
•
175°C TJ operation
•
Center tap configuration
•
Ultralow forward voltage drop
•
High purity, high temperature epoxy encapsulation for enhanced
mechanical strength and moisture resistance
•
High frequency operation
•
Guard ring for enhanced ruggedness and long term reliability
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
OUTLINE DRAWING
Mechanical Dimensions: In mm
ITO-220AB
SYMBOL
MIN.
TYP.
MAX.
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
2.55
e1
5.10
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
ΦP1(上口)
3.30
3.50
3.70
ΦP2(下口)
2.99
3.19
3.39
Q
2.50
2.70
2.90
Θ15°
Θ24°
Θ310°
Θ45°
Θ55°


Similar Part No. - STF4080C

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
STF4080C SMCDIODE-STF4080C Datasheet
820Kb / 4P
SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - STF4080C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
ST560S SMC-ST560S Datasheet
181Kb / 5P
Ultralow forward voltage drop
ST8100 SMC-ST8100 Datasheet
240Kb / 8P
Ultralow forward voltage drop
STB40H100C SMC-STB40H100C Datasheet
205Kb / 5P
Ultralow forward voltage drop
STF20H150C SMC-STF20H150C Datasheet
252Kb / 5P
Ultralow forward voltage drop
STF30H150C SMC-STF30H150C Datasheet
257Kb / 5P
Ultralow forward voltage drop
logo
Vishay Siliconix
VS-8ETL06SPBF VISHAY-VS-8ETL06SPBF Datasheet
190Kb / 9P
Benchmark ultralow forward voltage drop
15-Nov-16
VS-95SQ015 VISHAY-VS-95SQ015 Datasheet
140Kb / 7P
Ultralow forward voltage drop
09-Sep-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com