Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF4080C Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STF4080C
Description  Ultralow forward voltage drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF4080C Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF4080C Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF4080C Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Technical Data
Green Products
Data Sheet N1755, Rev. A
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
STF4080C
1
10
100
0.10.2
0.30.4
0.50.6
0.70.8
0.9
Forward Voltage Drop (V)
100
1000
10000
5
1015202530
35
40
Reverse Voltage (V)
0.001
0.010
0.100
1.000
10.000
100.000
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=25℃
TJ=25℃
TJ=125℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com