| Electronic Components Datasheet Search |
|
DM9102AT Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DM9102AT Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers |
|
54 / 77 page ![]() DM9102A Single Chip Fast Ethernet NIC controller 54 Final Version: DM9102A-DS-F03 August 28, 2000 can accept the host commands to start operation. The general procedure for initialization is described below: (1) Read/write suitable values for the PCI configuration registers. (2) Write CR3 and CR4 to provide the starting address of each descriptor list. (3) Write CR0 to set global host bus operation parameters. (4) Write CR7 to mask causes of unnecessary interrupt. (5) Write CR6 to set global parameters and start both receive and transmit processes. Receive and transmit processes will enter the running state and attempt to acquire descriptors from the respective descriptor lists. (6) Wait for any interrupt. Data Buffer Processing Algorithm The data buffer process algorithm is based on the cooperation of the host and the DM9102A. The host sets CR3 (receive descriptor base address) and CR4 (transmit descriptor base address) for the descriptor list initialization. The DM9102A will start the data buffer transfer after the descriptor polling and get the ownership. For detailed processing procedure, please see below. 1. Receive Data Buffer Processing The DM9102A always attempts to acquire an extra descriptor in anticipation of the incoming frames. Any incoming frame size covers a few buffer regions and descriptors. The following conditions satisfy the descriptor acquisition attempt: When start/stop receive sets immediately after being placed in the running state. When the DM9102A begins writing frame data to a data buffer pointed to by the current descriptor and the buffer ends before the frame ends. When the DM9102A completes the reception of a frame and the current receiving descriptor is closed. When receive process is suspended due to no free buffer for the DM9102A and a new frame is received. When receive polling demand is issued. After acquiring the free descriptor, the DM9102A processes the incoming frame and places it in the acquired descriptor's data buffer. When whole the received frame data has been transferred, the DM9102A will write the status information to the last descriptor. The same process will repeat until it encounters a descriptor flagged as being owned by the host. If this occurs, receive process enters the suspended state and waits the host to service. Stop State Descriptor Access Datat Transfer Write Status Suspended Start Receive Command Or Receive Poll Command Buffer Available ( OWN bit = 1 ) FIFO Threshold Reached Frame Fully Received Buffer not Full Receive Buffer Unavailable New Frame Coming Or Receive Poll Command Stop Receive Command or Reset Command Buffer Full Receive Buffer Management State Transition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |