Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9161 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # DM9161
Description  10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9161 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button DM9161 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 43Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 44Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 45Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 46Page - List of Unclassifed Manufacturers DM9161 Datasheet HTML 47Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
44
Final
Version: DM9161-DS-F02
May 10,2002
10.6 Power Plane Partitioning
The power planes should be approximately illustrated in
Figure 10-5.
The ferrite bead used should have an
impedance at least 75Ω at 100MHz. A suitable bead is the
Panasonic
surface
mound
bead,
part
number
EXCCL4532U or an equivalent. 10µF, 0.1µF, and 0.01µF
electrolytic bypass capacitors should be connected between
DVDD and DGND at each side of the ferrite bead.
Figure 10-5
Analog VDD Plane
Digital VDD Plane
Digital VDD Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com