Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87373 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 27Page - National Semiconductor (TI) PC87373 Datasheet HTML 28Page - National Semiconductor (TI) PC87373 Datasheet HTML 29Page - National Semiconductor (TI) PC87373 Datasheet HTML 30Page - National Semiconductor (TI) PC87373 Datasheet HTML 31Page - National Semiconductor (TI) PC87373 Datasheet HTML 32Page - National Semiconductor (TI) PC87373 Datasheet HTML 33Page - National Semiconductor (TI) PC87373 Datasheet HTML 34Page - National Semiconductor (TI) PC87373 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 174 page
background image
2.0 Power, Reset and Clocks (Continued)
31
www.national.com
Revision 1.1
2.2.5
Software Reset
The Software reset is triggered by the host setting SWRST bit in SIOCF1 register (see Section 3.7.2 on page 44) via the
LPC interface. The Host Software reset performs the following actions:
Loads default values to the V
DD3-powered unlocked bits in the Configuration Control.
Loads default values to the V
SB3-powered unlocked GPIO Configuration and Data bits for those GPIO ports with
VDDLOAD = 1. VDDLOAD bit is not affected.
Resets all the V
DD3-powered Legacy logical devices.
Loads default values to all the V
DD3-powered Legacy module registers.
2.3 CLOCK DOMAINS
The PC87373 device has three clock domains, as shown in Table 6.
The LPC and 48 MHz clock domains, and the modules using them, are supplied by the Main power plane. Therefore, these
two clock domains are active only when the VDD3 power supply is on.
2.3.1
LPC Domain
The LPC clock signal at the PCI_CLK pin must become valid (to the extent specified in PCI_CLK and PCI_RESET on page
163) before the end of the VDD Power-Up reset (see Section 2.2.3).
2.3.2
48 MHz Domain
The 48 MHz clock domain is sourced by the on-chip Clock Generator (supplied by the Main power plane).
Following a VDD Power-Up reset, the software waits a period of t14MW +t14MVAL until a valid 14.31818 MHz clock signal is
available at the CLOCKI14 pin. Then, the software can set the HFCGEN bit in the CLOCKCF register to 1. This bit enables
the operation of the Clock Generator.
After the Clock Generator is enabled for operation, its output clock is frozen to a low level until the generator provides an
internal clock signal that meets all requirements. When the requirements are met, the 48 MHz clock domain starts toggling.
The status of the Clock Generator output clock is indicated by CKVALID bit in CLOCKCF register. While the Clock Generator
is stabilizing, this bit is 0, indicating a 48 MHz clock domain frozen at low level. After t48MD, the 48 MHz clock domain starts
toggling and this bit is set to 1. The software must wait for CKVALID bit to be set before it enables the FSCM or the Legacy
functions (Serial Ports, Parallel Port, FDC, KBC, MIDI, Game Port).
The on-chip Clock Generator multiplies the frequency of the clock signal (received through the CLOCKI14 pin) by a constant
value to obtain the 48 MHz output frequency.
Figure 3 shows a simplified diagram of the 32 KHz and the 48 MHz clock domains.
Table 6. Clock Domains of the PC87373
Clock
Domain
Frequency
Power
Plane
Source
Usage
LPC
Up to 33 MHz
VDD3
LPC clock input (PCI_CLK)
LPC bus Interface and Configuration Registers
48 MHz
48 MHz
VDD3
On-chip Clock Generator
Legacy functions (Serial Ports, Parallel Port,
FDC, KBC, MIDI, Game Port) and FSCM
32 KHz
32.768 KHz
VSB3
Clock input (CLOCKI32)
SWC, GPIO and Glue Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com