Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87373 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 72Page - National Semiconductor (TI) PC87373 Datasheet HTML 73Page - National Semiconductor (TI) PC87373 Datasheet HTML 74Page - National Semiconductor (TI) PC87373 Datasheet HTML 75Page - National Semiconductor (TI) PC87373 Datasheet HTML 76Page - National Semiconductor (TI) PC87373 Datasheet HTML 77Page - National Semiconductor (TI) PC87373 Datasheet HTML 78Page - National Semiconductor (TI) PC87373 Datasheet HTML 79Page - National Semiconductor (TI) PC87373 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 174 page
background image
5.0 General-Purpose Input/Output (GPIO) Ports (Continued)
76
www.national.com
Revision 1.1
Event Type and Polarity
Two trigger types of event detection are supported: edge and level. An edge event may be detected on a source pin transi-
tion either from high to low or low to high. A level event may be detected when the source pin is either at high or low level.
The trigger type is determined by Event Type (bit 4 of GPCFG1 register). The direction of the transition (for edge) or the
polarity of the active level (for level) is determined by Event Polarity (bit 5 of GPCFG1 register).
Active edge refers to a change in a GPIO pin level that matches the Event Polarity bit (1 for rising edge and 0 for falling
edge). Active level refers to the GPIO pin level that matches the Event Polarity bit (1 for high level and 0 for low level). The
corresponding bit in GPEVST register is set by hardware whenever an active edge or an active level is detected regardless
of the GPEVEN register setting. Writing 1 to the Status bit clears it to 0. Writing 0 is ignored.
A GPIO pin is in event pending state if an active event has occurred (the corresponding bit in GPEVST register is set) and
the corresponding bit in GPEVEN register is set.
5.3.2
System Notification
System notification on GPIO-triggered events is achieved by asserting an interrupt request via the Interrupt Serializer in the
LPC Bus Interface.
The system notification for each GPIO pin is controlled by the corresponding bit in GPEVEN register together with bit 0 of
GPEVR register. System notification by a GPIO pin is enabled if the corresponding bit of GPEVEN register is set to 1. The
event routing mechanism is shown in Figure 12.
Figure 12. GPIO Event Routing Mechanism for System Notification
The system notification to the target is asserted if at least one GPIO pin is in event pending state.
The selection of the target (for system notification) is determined by the GPEVR register. The specific IRQ number is deter-
mined by the IRQ selection procedure of the device configuration. The assertion of IRQ (as a means of system notification)
is disabled either when the GPIO functional block is deactivated or when VDD3 power is off.
System notification through IRQ or SCI (see Section 6.2.4 on page 84) can be initiated by software by writing to the Data Out
bit (in GPDO or GPDIO register) of a GPIO pin. This is possible only if the output of the corresponding GPIO pin is enabled,
pin multiplexing is selected for the GPIO function (see Section 1.3 on page 15) and the GPIO event is routed to IRQ or SCI.
System notification is asserted according to the actual level at the GPIO pin driven by the GPIO output and/or by external cir-
cuitry. The level driven by the GPIO output should not cause a contention with the level driven by the external circuitry.
A pending edge event may be cleared by clearing the corresponding GPEVST bit. However, a level event source may not
be released by software (except for disabling the source) as long as the pin is at active level. When level event is used, it is
also recommended to disable the input debouncer.
Upon deactivation of the GPIO functional block and while VDD3 power is off, access through the LPC bus to the runtime
registers (GPEVST and GPEVEN) is disabled. All means of system notification that include the target IRQ number are de-
tached from the GPIO and de-asserted.
When VDD3 power is off, the status bits of the GPIO pins connected to a VDD-powered device (VDDLOAD = 1) are cleared,
however the status bits of the GPIO pins connected to a VSB-powered device (VDDLOAD = 0) are not affected.
Before enabling any system notification, it is recommended to set the desired event configuration and then verify that the
status registers are cleared.
GPIO Event Pending Indication
IRQ
Event
Routing
Logic
Enable
IRQ
Event Routing Register
Bit 0
(GPEVR)
Routed Events
from other GPIO Pins
Routing
GPIO Pin
GPIO Event to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com