Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87373 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 13Page - National Semiconductor (TI) PC87373 Datasheet HTML 14Page - National Semiconductor (TI) PC87373 Datasheet HTML 15Page - National Semiconductor (TI) PC87373 Datasheet HTML 16Page - National Semiconductor (TI) PC87373 Datasheet HTML 17Page - National Semiconductor (TI) PC87373 Datasheet HTML 18Page - National Semiconductor (TI) PC87373 Datasheet HTML 19Page - National Semiconductor (TI) PC87373 Datasheet HTML 20Page - National Semiconductor (TI) PC87373 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 174 page
background image
1.0 Signal/Pin Connection and Description (Continued)
17
www.national.com
Revision 1.1
1.4.2
Serial Port 1 and Serial Port 2 (UART1 and UART2)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
CTS1
CTS2
28
126
IINTS
VDD3
Clear to Send. When low, indicates that the modem or other data
transfer device is ready to exchange data.
DCD1
DCD2
23
128
IINTS
VDD3
Data Carrier Detected. When low, indicates that the modem or
other data transfer device has detected the data carrier.
DSR1
DSR2
24
124
IINTS
VDD3
Data Set Ready. When low, indicates that the data transfer
device, e.g., modem, is ready to establish a communications link.
DTR_BOUT1
DTR_BOUT2
30
127
OO4/8
VDD3
Data Terminal Ready. When low, indicates to the modem or
other data transfer device that the UART is ready to establish a
communications link. After a system reset, these pins provide the
DTR function and set these signals to inactive high. Loopback
operation holds them inactive.
Baud Output. Provides the associated serial channel baud rate
generator output signal if test mode is selected, i.e., bit 7 of
EXCR1 register is set.
RI1
RI2
32
119
IINTS
VDD3
Ring Indicator. When low, indicates that a telephone ring signal
was received by the modem. These pins are monitored during
VDD power-off for wake-up event detection.
RTS1
RTS2
26
125
OO4/8
VDD3
Request to Send. When low, indicates to the modem or other
data transfer device that the corresponding UART is ready to
exchange data. A system reset sets these signals to inactive
high, and loopback operation holds them inactive.
SIN1
SIN2
25
121
IINTS
VDD3
Serial Input. Receives composite serial data from the
communications link (peripheral device, modem or other data
transfer device).
SOUT
27
O
O4/8
VDD3
Serial Output. Sends composite serial data to the
communications link (peripheral device, modem or other data
transfer device). These signals are set active high after a system
reset.
SOUT2
122
O6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com