Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87427 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 38Page - National Semiconductor (TI) PC87427 Datasheet HTML 39Page - National Semiconductor (TI) PC87427 Datasheet HTML 40Page - National Semiconductor (TI) PC87427 Datasheet HTML 41Page - National Semiconductor (TI) PC87427 Datasheet HTML 42Page - National Semiconductor (TI) PC87427 Datasheet HTML 43Page - National Semiconductor (TI) PC87427 Datasheet HTML 44Page - National Semiconductor (TI) PC87427 Datasheet HTML 45Page - National Semiconductor (TI) PC87427 Datasheet HTML 46Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
2.0 Device Characteristics (Continued)
Revision 1.0
43
www.national.com
Wake-Up Inputs at VDD Power Switching
Figure 18. Wake-Up Inputs at VDD Power Switching
Power Button Override
Figure 19. Power Button Override Timing
Symbol
Figure
Description
Reference Conditions
Min
Max
tEWIV
18
External Wake-up inputs
valid1
1. Not tested. Guaranteed by design.
After VDD power On
2
2. The 32 KHz clock domain is assumed to be toggling at VDD power stable.
24576 * t32KOSC
3
3. t32KOSC is the cycle time of the 32 KHz clock domain (see “Low Frequency Clock Timing” on page 31)
32768 * t32KOSC
Symbol
Figure
Description
Reference Conditions
Min
Max
tPBOV
19
Power Button Override1
1. Not tested. Guaranteed by design.
After PWBTIN active
3.89 s
3.92 s
tOVEX
19
Power Button Override
Extension1
After the end of tPBOV
0.2 s
0.24 s
tPBID
19
PWBTIN disable time1
After a Power-Off event
1 s
1.25 s
VDD (Power)
GPIOE10-17,
tEWIV
GPIOE40-47
VDDOFF
VDDON
(VDDLOAD=1)
tPBOV
PWBTIN
PWBTOUT
ONCTL
tOVEX
tPBID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com