Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87427 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 7Page - National Semiconductor (TI) PC87427 Datasheet HTML 8Page - National Semiconductor (TI) PC87427 Datasheet HTML 9Page - National Semiconductor (TI) PC87427 Datasheet HTML 10Page - National Semiconductor (TI) PC87427 Datasheet HTML 11Page - National Semiconductor (TI) PC87427 Datasheet HTML 12Page - National Semiconductor (TI) PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.0
11
www.national.com
1.4.5
Fan Monitor & Control (FMC)
DTR1_
BOUT1
100
O
O4/8
VDD
Data Terminal Ready. When low, indicates to the data transfer
device, e.g., modem, that the UART is ready to establish a
communications link. After a system reset, these pins provide the
DTR function and set these signals to inactive high. Loopback
operation holds them inactive.
Baud Output. Provides the associated serial channel baud rate
generator output signal if Test mode is selected, i.e., bit 7 of
EXCR1 register is set.
DTR2_
BOUT2
DTRM_
BOUTM
108
88
VSB
RI1
101
I
INTS
VDD
Ring Indicator. When low, indicates that a telephone ring signal
was received by the modem. These pins are monitored during VDD
power-off for wake-up event detection.
RI2
102
VSB
RTS1
97
O
O3/6
VDD
Request to Send. When low, indicates to the modem or other
data transfer device that the corresponding UART is ready to
exchange data. A system reset sets these signals to inactive high,
and loopback operation holds them inactive.
RTS2
RTSM
105
91
VSB
SIN1
96
I
INTS
VDD
Serial Input. Receives composite serial data from the
communications link (peripheral device, modem or other data
transfer device).
SIN2
SINM
104
90
VSB
SOUT1
98
O
O3/6
VDD
Serial Output. Sends composite serial data to the communications
link (peripheral device, modem or other data transfer device).
These signals are set active high after a system reset.
SOUT2
SOUTM
106
89
VSB
1. DCDM is an output signal due to its role in an exchange connection with an external BMC.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
FANIN0-7
66, 81,
77, 76,
75, 83,
36, 9
IINTS
VDD
Fan Inputs. Used to feed the fan’s tachometer pulse to the
Fan Speed Monitor.
FANOUT0
78
O
OD12,O6/12
VDD
Fan Outputs. Pulse Width Modulation (PWM) signals, used to
control the speed of cooling fans by controlling the voltage
supplied to the fans motors.
FANOUT1
7
53
FANOUT2
8
33
FANOUT3
67
Signal
Pin(s)
I/O Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com