Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87427 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87427
Description  ServerI/O with SensorPathTM Health Monitoring
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87427 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87427 Datasheet HTML 13Page - National Semiconductor (TI) PC87427 Datasheet HTML 14Page - National Semiconductor (TI) PC87427 Datasheet HTML 15Page - National Semiconductor (TI) PC87427 Datasheet HTML 16Page - National Semiconductor (TI) PC87427 Datasheet HTML 17Page - National Semiconductor (TI) PC87427 Datasheet HTML 18Page - National Semiconductor (TI) PC87427 Datasheet HTML 19Page - National Semiconductor (TI) PC87427 Datasheet HTML 20Page - National Semiconductor (TI) PC87427 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
1.0 Signal/Pin Connection and Description (Continued)
Revision 1.0
17
www.national.com
1.4.14 Testability
HFCKS
88
I
INTS
VSB
High Frequency Clock Selection. Sampled at VSB Power-Up
reset to determine the high frequency clock selection, as
follows:
For CKIN48=0:
No pull-down resistor:
40 MHz
10 K
Ω1 external pull-down resistor: 10 MHz
For CKIN48=1:
No pull-down resistor:
24 MHz
10 K
Ω1 external pull-down resistor: 6 MHz
XCNF2-0
91, 108,
34
IINTS
VSB
X-Bus Default Configuration. Sampled at VSB Power-Up reset
to set the configuration of the X-Bus transactions.
Pins
2 1 0 Functionality
1 1 x: No BIOS
1 0 1: 16-bit data BIOS, XSTB0 only
1 0 0: 16-bit data BIOS, XSTB0 and XSTB1
0 1 1: 8-bit data BIOS, XA11-4 multiplexed, XRDY disabled
0 1 0: 8-bit data BIOS, XA11-4 multiplexed, XRDY enabled
0 0 1: 8-bit data BIOS, XA11-4 direct, XRDY disabled
0 0 0: 8-bit data BIOS, XA11-4 direct, XRDY enabled
Pulled to 1 by internal resistor or set to 0 by external 10 K
Ω1 pull-
down resistor.
SMBSA
48
I
INTS
VSB
SMBus Slave Address. Sampled at VSB Power-Up reset to
determine the slave address of the device on SMBus, as follows
No pull-down resistor:
D8h, D9h
10 K
Ω external pull-down resistor: 60h, 61h
TEST
89
I
INTS
VDD
XOR Tree Test Mode. Sampled at VDD Power-Up reset to force
the device pins into a XOR tree configuration.
No pull-down resistor (default):
Normal device operation
10 K
Ω1 external pull-down resistor: Pins configured as XOR tree.
When TEST is set to 0 (by an external pull-down resistor), TRIS
must be 1 (left unconnected).
CTEST
52
I
INTS
VSB
Complementary Test Mode. Sampled at VSB Power-Up reset
to set the device to Test Mode
No pull-down resistor:
Normal Operation mode
10 K
Ω external pull-down resistor: Test Mode
1. Because the strap function is multiplexed with the Serial Port pins, a CMOS transceiver device is recom-
mended for Serial Port functionality; in this case, the value of the external pull-down resistor is 10 K
Ω. If, how-
ever, a TTL transceiver device is used, the value of the external pull-down resistor must be 470
Ω, and since the
Serial Port pins are not able to drive this load, the external pull-down resistor must be disconnected tIPLV after
VDD power-up (see “Reset Timing” on page 27).
Signal
Pin(s) I/O Buffer Type Power Well
Description
XOR_OUT
100
O
O4/8
VDD
XOR Tree Output. All the device pins (except power pins)
are internally connected in a XOR tree structure.
Signal
Pin(s)
I/O Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com