Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH6503 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TH6503 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TH6503
USB Low-Speed Interface
Rev. 3.5
Dec 2000
Description
The TH6503 is an integrated circuit which enables
the Universal Serial Bus (USB) to be connected to
a microcontroller. The interface module contains
all the components required to transmit data via
the USB.
The TH6503 has been developed for applications
requiring a low speed interface to the USB. Any
microcontroller can be used for control purposes.
In addition to the default endpoint 0 for control
transfer up to two endpoints can be supported by
TH6503. The TH6503 has been developed in
conformity with USB Specifications 1.1.
Features
? Complient with USB Specification 1.1
? Supports up to three programmable endpoints
for interrupt and control transfer in each direction
? Data transfer at USB low speed
? Supports suspend mode
? Universal serial microcontroller interface
? Register programmable
? Programmable 1.5 MHz to 6 MHz out clock for
microcontroller
? Provides power supply for the microcontroller
(3.3 volts or 5 volts)
? Integrated oscillator for clock generation,
supports 6 MHz quartz, ceramic resonator
or external clock input
? Simple external circuitry
TH6503 Sample
Application
Figure 1. Typical TH6503 Sample Application
Figure 1 demonstrates a typical TH6503 applica-
tion. The TH6503 translates the data and control
signals received from the USB in a serial format
which can be read by the microcontroller. The data
is stored in a FIFO buffer and can be called up from
a standard microcontroller via a register program-
mable serial interface at any time and processed
further. Data generated by peripheries is passed
to the TH6503 with the same protocol and stored
in a FIFO buffer until it is collected by the USB. The
TH6503 translates all the data in the USB-specific
format and generates the necessary control sig-
nals. The TH6503 requires a minimum number of
external elements and can easily be implemented
in a circuitry. It provides an external clock which
can be used to activate a microcontroller.
Micro-
controller/
Customer
Application
to USB
Host / Hub
USB
Interface
Serial
Interface
OCLK
/ORST
TH6503


Similar Part No. - TH6503

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH63 ETC-TH63 Datasheet
43Kb / 2P
CONTAORE MINIATURIZZATO
TH64 ETC-TH64 Datasheet
43Kb / 2P
CONTAORE MINIATURIZZATO
logo
Topstek Inc.
TH6A TOPSTEK-TH6A Datasheet
131Kb / 3P
Topstek Current Transducer
TH6A-B12 TOPSTEK-TH6A-B12 Datasheet
131Kb / 3P
Topstek Current Transducer
logo
Connor-Winfield Corpora...
TH6C-020.0M CONNOR-WINFIELD-TH6C-020.0M Datasheet
192Kb / 4P
High Precision TCXO / VCTCXO
More results

Similar Description - TH6503

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68001 CYPRESS-CY7C68001 Datasheet
1Mb / 42P
EZ-USB SX2??High-Speed USB Interface Device
July 13, 2004
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
enCoRe USB Low-speed USB Peripheral Controller
October 21, 2002
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
Low-speed USB Peripheral Controller
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
USB 2.0 Full-Speed/Low-Speed Transceiver
Rev. 6 March 2006
logo
SMSC Corporation
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
logo
Cypress Semiconductor
CY7C637XX CYPRESS-CY7C637XX Datasheet
33Kb / 3P
enCoRe??USB Combination Low-speed USB
CY7C68001 CYPRESS-CY7C68001_05 Datasheet
1Mb / 42P
EZ-USB SX2??High-Speed USB Interface Device
logo
STMicroelectronics
ST7LCRE4U1 STMICROELECTRONICS-ST7LCRE4U1 Datasheet
394Kb / 29P
Full-speed USB MCU with smartcard interface
23-Oct-2007
logo
Cypress Semiconductor
CY7C68001 CYPRESS-CY7C68001_09 Datasheet
1Mb / 45P
EZ-USB SX2 High Speed USB Interface Device
logo
Megawin Technology Co.,...
MA108 MEGAWIN-MA108 Datasheet
673Kb / 19P
USB Low Speed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com