Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB1 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1
Description  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TSB41AB1 Datasheet HTML 34Page - Texas Instruments TSB41AB1 Datasheet HTML 35Page - Texas Instruments TSB41AB1 Datasheet HTML 36Page - Texas Instruments TSB41AB1 Datasheet HTML 37Page - Texas Instruments TSB41AB1 Datasheet HTML 38Page - Texas Instruments TSB41AB1 Datasheet HTML 39Page - Texas Instruments TSB41AB1 Datasheet HTML 40Page - Texas Instruments TSB41AB1 Datasheet HTML 41Page - Texas Instruments TSB41AB1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
PHY-Link layer interface (continued)
The PHY may initiate a status transfer either autonomously or in response to a register read request from the
LLC.
The PHY initiates a receive operation whenever a packet is received from the serial bus.
The PHY initiates a transmit operation after winning control of the serial bus following a bus request by the LLC.
The transmit operation is initiated when the PHY grants control of the interface to the LLC.
The encoding of the CTL0 −CTL1 bus is shown in Table 10 and Table 11.
Table 10. CTL Encoding When PHY Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
No activity (this is the default mode)
0
1
Status
Status information is being sent from the PHY to the LLC.
1
0
Receive
An incoming packet is being sent from the PHY to the LLC.
1
1
Grant
The LLC has been given control of the bus to send an outgoing packet.
Table 11. CTL Encoding When LLC Has Control of the Bus
CTL0
CTL1
NAME
DESCRIPTION
0
0
Idle
The LLC releases the bus (transmission has been completed).
0
1
Hold
The LLC is holding the bus while data is being prepared for transmission, or indicating that another packet
is to be transmitted (concatenated) without arbitrating.
1
0
Transmit
An outgoing packet is being sent from the LLC to the PHY.
1
1
Reserved
None
output differentiation
When an Annex J type isolation barrier is implemented between the PHY and LLC, the CTL0 , CTL1, D0 – D7,
and LREQ signals must be digitally differentiated so that the isolation circuits function correctly. Digital
differentiation is enabled on the TSB41AB1 when the ISO terminal is low.
The differentiation operates such that the output is driven either low or high for one clock period whenever the
signal changes logic state, but otherwise places the output in a high-impedance state for as long as the signal
logic state remains constant. On input, hysteresis buffers are used to convert the signal to the correct logic state
when the signal is high impedance; the biasing network of the Annex J type isolation circuit pulls the signal
voltage level between the hysteresis thresholds of the input buffer so that the previous logic state is maintained.
The correspondence between the output logic state and the output signal level is shown in Figure 16.
01
1
0
00
1
0
0
LH
Z
O
Z
Z
H
L
Z
Logic State
Signal Level
Figure 17. Signal Transformation for Digital Differentiation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com