Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB1 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1
Description  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TSB41AB1 Datasheet HTML 42Page - Texas Instruments TSB41AB1 Datasheet HTML 43Page - Texas Instruments TSB41AB1 Datasheet HTML 44Page - Texas Instruments TSB41AB1 Datasheet HTML 45Page - Texas Instruments TSB41AB1 Datasheet HTML 46Page - Texas Instruments TSB41AB1 Datasheet HTML 47Page - Texas Instruments TSB41AB1 Datasheet HTML 48Page - Texas Instruments TSB41AB1 Datasheet HTML 49Page - Texas Instruments TSB41AB1 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
46
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
transmit (continued)
After sending the last packet for the current bus ownership, the LLC releases the bus by asserting idle on the
CTL terminals for two clock cycles. The PHY begins asserting idle on the CTL terminals one clock after sampling
idle from the link. Note that whenever the D and CTL terminals change direction between the PHY and the LLC,
there is an extra clock period allowed so that both sides of the interface can operate on registered versions of
the interface signals. Figure 22 is the transmission timing diagram for normal packets, and Figure 23 is the
transmission timing diagram for cancelled or null packets.
00
00
00
00
01
00
10
(6)
(7)
(5)
(4)
(3)
(2)
(1)
01
00
SPD
00
00
00
00
00
11
dn
d0
D0–D7
CTL0, CTL1
SYSCLK
Link Controls CTL and D
PHY CTL and D Outputs are High IMpedance
NOTE: SPD = Speed code, see Table 20
d0 − dn = Packet data
Figure 23. Normal Packet Transmission Timing
The sequence of events for a normal packet transmission is as follows:
1.
Transmit operation initiated. The PHY asserts grant on the CTL lines followed by idle to hand over control
of the interface to the link so that the link may transmit a packet. The PHY releases control of the interface
(that is, it places its CTL and D outputs in a high-impedance state) following the idle cycle.
2.
Optional idle cycle. The link may assert at most one idle cycle preceding assertion of either hold or transmit.
This idle cycle is optional; the link is not required to assert idle preceding either hold or transmit.
3.
Optional hold cycles. The link may assert hold for up to 47 cycles preceding assertion of transmit. These
hold cycle(s) are optional; the link is not required to assert hold preceding transmit.
4.
Transmit data. When data is ready to be transmitted, the link asserts transmit on the CTL lines along with
the data on the D lines.
5.
Transmit operation terminated. The transmit operation is terminated by the link asserting hold or idle on the
CTL lines. The link asserts hold to indicate that the PHY is to retain control of the serial bus in order to
transmit a concatenated packet. The link asserts idle to indicate that packet transmission is complete and
the PHY may release the serial bus. The link then asserts idle for one more cycle following this cycle of hold
or idle before releasing the interface and returning control to the PHY.
6.
Concatenated packet speed code. If multispeed concatenation is enabled in the PHY, the link asserts a
speed code on the D lines when it asserts hold to terminate packet transmission. This speed code indicates
the transmission speed for the concatenated packet that is to follow. The encoding for this concatenated
packet speed code is the same as the encoding for the received packet speed code (see Table 20). The
link may not concatenate an S100 packet onto any higher-speed packet.
7.
After regaining control of the interface, the PHY shall assert at least one cycle of idle before any subsequent
status transfer, receive operation, or transmit operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com