Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1
Description  IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSB41AB1 Datasheet HTML 17Page - Texas Instruments TSB41AB1 Datasheet HTML 18Page - Texas Instruments TSB41AB1 Datasheet HTML 19Page - Texas Instruments TSB41AB1 Datasheet HTML 20Page - Texas Instruments TSB41AB1 Datasheet HTML 21Page - Texas Instruments TSB41AB1 Datasheet HTML 22Page - Texas Instruments TSB41AB1 Datasheet HTML 23Page - Texas Instruments TSB41AB1 Datasheet HTML 24Page - Texas Instruments TSB41AB1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423G − JUNE 2000 − REVISED OCTOBER 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
component connection (continued)
† See Figure 7, Figure 8, and Figure 9.
‡ See Figure 10 and Figure 11.
§ See Terminal Functions Table.
¶ See crystal selection section for more details
1
2
3
4
5
6
7
8
9
AB
CD
E
FG
H
J
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
C/LKON
PC0
PC1
PC2
/ISO
CPS
DVDD
TESTM
SE
SM
AVDD
AGND
/RESET
FILTER0
FILTER1
PLLVDD
PLLGND
PLLGND
XI
XO
DGND
DVDD
LREQ
10 k
Bus Manager
LKON
Power−Class
Programming
/ISO
400 k
Cable Power
0.001
0.001
0.1
VDD
1 k
(Optional) §
0.001
0.001
0.1
VDD
VDD
6.34 k
‡
TP Cables
Interface Connections †
0.1
0.1
VDD
0.001
0.1
VDD
24.576 MHz
12 pF ¶
12 pF ¶
0.001
0.001
0.1
400 k
1 k
W
mF
mF
mF
mF
mF
mF
mF
mF
mF
mF
mF
mF
mF
0.01 mF
1.0 mF
Figure 6. External Component Connections (GQE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com