Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73830 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology MCP73830 Datasheet HTML 10Page - Microchip Technology MCP73830 Datasheet HTML 11Page - Microchip Technology MCP73830 Datasheet HTML 12Page - Microchip Technology MCP73830 Datasheet HTML 13Page - Microchip Technology MCP73830 Datasheet HTML 14Page - Microchip Technology MCP73830 Datasheet HTML 15Page - Microchip Technology MCP73830 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MCP73830/L
DS20005049D-page 12
 2011-2014 Microchip Technology Inc.
5.9
Thermal Shutdown
The MCP73830/L suspends charging if the die tem-
perature exceeds +150°C. Charging will resume when
the die temperature has cooled by approximately
10°C. The thermal shutdown is a secondary safety
feature in the event that there is a failure within the
thermal regulation circuitry.
5.10
Status Indicator
The charge status output of the MCP73830/L is open-
drain, and, as such, has two different states: Low (L),
and High-Impedance (High Z). The charge status out-
puts can be used to illuminate the LEDs. Optionally,
the charge status output can be used as an interface
to a host microcontroller. The faulty indication of a pre-
conditioning timer also indicates defective batteries,
when it fails to pass preconditioning threshold during
the given time.
Table 5-1 summarizes the state of the status outputs
during a charge cycle.
TABLE 5-1:
STATUS OUTPUTS
Charge Cycle State
STAT
Shutdown
High Z
No Battery Present
High Z
Preconditioning
L
Constant Current Fast Charge
L
Constant Voltage
L
Charge Complete
High Z
Timer Fault
High Z
Preconditioning Timer Fault
Flashing
(2 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com