Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73830 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73830 Datasheet HTML 10Page - Microchip Technology MCP73830 Datasheet HTML 11Page - Microchip Technology MCP73830 Datasheet HTML 12Page - Microchip Technology MCP73830 Datasheet HTML 13Page - Microchip Technology MCP73830 Datasheet HTML 14Page - Microchip Technology MCP73830 Datasheet HTML 15Page - Microchip Technology MCP73830 Datasheet HTML 16Page - Microchip Technology MCP73830 Datasheet HTML 17Page - Microchip Technology MCP73830 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MCP73830/L
DS20005049D-page 14
 2011-2014 Microchip Technology Inc.
FIGURE 6-3:
Input Over Voltage Protection Example.
6.1.1.3
Thermal Considerations
The worst-case power dissipation in the battery char-
ger occurs when the input voltage is at the maximum
and the device has transitioned from Preconditioning
mode to Constant Current mode. In this case, the
power dissipation is:
EQUATION 6-1:
Power dissipation with a 5V, ±10% input voltage
source, 200 mA ±10%, and preconditioning threshold
voltage at 6V is:
EQUATION 6-2:
This power dissipation with the battery charger in the
2x2 TDFN-6 package will result in a temperature of
approximately 10.45
C (PCB mounted) above room
temperature.
6.1.1.4
External Capacitors
The MCP73830 is stable with or without a battery load.
In order to maintain good AC stability in Constant Volt-
age mode, a minimum capacitance of 1 µF is
recommended to bypass the VBAT pin to VSS. This
capacitance provides compensation when there is no
battery load. In addition, the battery and interconnec-
tions appear inductive at high frequencies. These
elements are in the control feedback loop during
Constant Voltage mode. Therefore, the bypass capaci-
tance may be necessary to compensate for the
inductive nature of the battery pack.
A minimum of 16V rated 1 µF is recommended to apply
for output capacitor, and a minimum of 25V rated 1 µF
is recommended to apply for input capacitor for typical
applications.
Virtually any good quality output filter capacitor can be
used independent of the capacitor’s minimum Effective
Series Resistance (ESR) value. The actual value of the
capacitor (and its associated ESR) depends on the out-
put load current. A 1 µF ceramic, tantalum or aluminum
electrolytic capacitor at the output is usually sufficient
to ensure stability.
6.1.1.5
Reverse-Blocking Protection
The MCP73830/L provides protection from a faulted or
shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
STAT
VDD
CE
VBAT
2 mm x 2 mm DFN
MCP73830
5
3
4
PROG
1
2
6
Regulated
Wall Cube
VSS
0.5
CIN
TVS
SMAJ5.0A/AC
PowerDissipation
V
DDMAX
V
PTHMIN
–
 I
REGMAX
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
Pow erDissi pati on
5.5V
3.0V
–
 220mA
0.55 W
·
==
TABLE 6-1:
MLCC CAPACITOR EXAMPLE
MLCC
Capacitors
Temperature
Range
Tolerance
X7R
-55
C to + 125C±15%
X5R
-55
C to + 85C
±15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com