Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5001IPFB Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5001IPFB
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5001IPFB Datasheet(HTML) 5 Page - Texas Instruments

  TAS5001IPFB Datasheet HTML 1Page - Texas Instruments TAS5001IPFB Datasheet HTML 2Page - Texas Instruments TAS5001IPFB Datasheet HTML 3Page - Texas Instruments TAS5001IPFB Datasheet HTML 4Page - Texas Instruments TAS5001IPFB Datasheet HTML 5Page - Texas Instruments TAS5001IPFB Datasheet HTML 6Page - Texas Instruments TAS5001IPFB Datasheet HTML 7Page - Texas Instruments TAS5001IPFB Datasheet HTML 8Page - Texas Instruments TAS5001IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TAS5001
SLES009A – SEPTEMBER 2001 – REVISED DECEMBER 2001
5
www.ti.com
functional description
serial audio port
The serial audio port consists of a shift clock (SCLK pin), a left/right frame synchronization clock (LRCLK pin),
and a data input (SDIN pin). The serial audio port supports standard serial PCM formats (Fs = 32-kHz, 44.1-kHz,
48-kHz, 88.2-kHz, 96-kHz stereo). See the serial interface formats section for more information.
system clocks—master mode and slave mode
The TAS5001 allows multiple system clocking schemes. Master mode indicates that the TAS5001 provides
system clocks to other parts of the system (M_S=1). Audio system clocks of frequency 256 Fs MCLK_OUT,
64 Fs SCLK, and Fs LRCLK are output from this device when it is configured in master mode. Slave mode
indicates that a system master other than the TAS5001 provides system clocks (LRCLK, SCLK, and MCLK_IN)
to the TAS5001 (M_S = 0). The TAS5001 operates with LRCLK and SCLK synchronized to MCLK. TAS5001
does not require any specific phase relationship between LRCLK and MCLK, but there must be synchronization.
In the slave mode MCLK_OUT is driven low. Table 1 shows all the possible master and slave modes.
oscillator/sampling frequency
The sampling frequency is determined by the crystal (master mode) or master clock in (slave mode) which
should be either 8.192 MHz (Fs = 32 kHz), 11.2896 MHz (Fs = 44.1 kHz), or 12.288 MHz (Fs = 48 kHz). Twice
the normal sampling frequency can be selected by using the DBSPD pin which allows usage of Fs = 88.2 kHz
or Fs = 96 kHz. In the double-speed slave mode (DBSPD = 1, M_S = 0), the external clock input is either
22.5796 MHz (Fs = 88.2 kHz) or 24.576 MHz (Fs = 96 kHz). Note that 32-kHz sampling is supported in the
normal speed modes. Table 1 explains the proper clock selection.
Table 1. Oscillator, External Clock, and PLL Functions
DESCRIPTION
M_S
DBSPD
XTL_IN
(MHz)†
MCLK_IN
(MHz)‡
SCLK
(MHz)¶
LRCLK
(kHz)¶
MCLK_OUT
(MHz)#
Master, normal speed
1
0
8.192
—
2.048
32
8.192
Master, normal speed
1
0
11.2896
—
2.8224
44.1
11.2896
Master, normal speed
1
0
12.288
—
3.072
48
12.288
Master, double speed
1
1
—
22.5792§
5.6448
88.2
22.5792
Master, double speed
1
1
—
24.576§
6.144
96
24.576
Slave, normal speed
0
0
—
8.192§
2.048
32
Digital GND
Slave, normal speed
0
0
—
11.2896§
2.8224
44.1
Digital GND
Slave, normal speed
0
0
—
12.288§
3.072
48
Digital GND
Slave, double speed
0
1
—
22.5792§
5.6448
88.2
Digital GND
Slave, double speed
0
1
—
24.576§
6.144
96
Digital GND
† Either a crystal oscillator or an external clock of the specified frequency can be connected to XTL_IN.
‡ MCLK_IN tied low when input to XTL_IN is provided; XTL_IN tied low when MCLK_IN is provided.
§ External MCLK connected to MCLK_IN input
¶ SCLK and LRCLK are outputs when M_S=1, inputs when M_S=0.
# MCLK_OUT is driven low when M_S=0.
phase-locked loop (PLL)/clock generation
A low-jitter PLL is incorporated for internal use. Connections for the PLL external loop filter are provided as
PLL_FLT_RET and PLL_FLT_OUT. If the PLL loses lock, the PWM output status pins (VALID_L and VALID_R)
go low. Note that VALID_L and VALID_R can go low for other conditions as well. See the error status reporting
section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com