Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5001IPFB Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5001IPFB
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5001 DIGITAL AUDIO PWM PROCESSOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5001IPFB Datasheet(HTML) 1 Page - Texas Instruments

  TAS5001IPFB Datasheet HTML 1Page - Texas Instruments TAS5001IPFB Datasheet HTML 2Page - Texas Instruments TAS5001IPFB Datasheet HTML 3Page - Texas Instruments TAS5001IPFB Datasheet HTML 4Page - Texas Instruments TAS5001IPFB Datasheet HTML 5Page - Texas Instruments TAS5001IPFB Datasheet HTML 6Page - Texas Instruments TAS5001IPFB Datasheet HTML 7Page - Texas Instruments TAS5001IPFB Datasheet HTML 8Page - Texas Instruments TAS5001IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TAS5001
SLES009A – SEPTEMBER 2001 – REVISED DECEMBER 2001
TRUE DIGITAL AUDIO AMPLIFIER
TAS5001 DIGITAL AUDIO PWM PROCESSOR
1
www.ti.com
FEATURES
D TAS5001 + TAS5100 TDAA System – High
Quality Digital Audio Amplification
D 96-dB Dynamic Range (TAS5001 Device)
D 93-dB Dynamic Range (TAS5001 and TAS5100
System Measured at Speaker Terminals)
D THD+N < 0.08% (1 kHz, 0 to 30 W RMS
Into 6
Ω) (TAS5001 & TAS5100 System
Measured at Speaker Terminals)
D Power Efficiency Is 90% Into 8-Ω Load
D 16-, 20-, or 24-Bit Input Data
D 32-kHz, 44.1-kHz, 48-kHz, 88.2-kHz, 96-kHz
Sampling Rates
D Economical 48-Pin TQFP Package
D Lower-Jitter Internal PLL
D 3.3-V Power Supply
D Mute
D Clicks and Pops Reduction (Patent Pending)
APPLICATIONS
D DVD Audio
D Home Theater
D Car Audio Amplifiers and Head Units
D Internet Music Appliance
D Mini/Micro Component Systems
DESCRIPTION
The true digital audio amplifier (TDAA) is a new
paradigm in digital audio. One TDAA system consists of
the TAS5001 PCM-PWM modulator device + TAS5100
PWM power output device. This system accepts a serial
PCM digital audio stream and converts it to a 3.3-V
PWM audio stream (TAS5001). The TAS5100 device
then provides a large-signal PWM output. This digital
PWM signal is then demodulated providing power
output
for
driving
loudspeakers.
This
patented
technology
provides
low-cost,
high-quality,
high-
efficiency digital audio applicable to many audio
systems developed for the digital age. The TAS5001 is
an innovative, cost-effective, high-performance 24-bit
stereo PCM-PWM modulator based on Equibit
technology. It has a wide variety of serial input options
including right-justified (16, 20, or 24 bits), IIS (16, 20,
or 24 bits), left-justified (16 bits), or DSP (16 bits) data
formats. It is fully compatible with AES standard
sampling rates of 32 kHz, 44.1 kHz, 48 kHz, 88.2 kHz,
and 96 kHz. The TAS5001 also provides a de-emphasis
function for 44.1-kHz and 48-kHz sampling rates.
TAS5001
TAS5100
Left
• Volume
• EQ
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• Equibit Modulator
• TAS3001
• DSP
• S/PDIF
• 1394
Digital Audio
• H-Bridges
Power Devices
TAS5100
Right
L-C
Filter
L-C
Filter
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
Equibit is a trademark of Toccata Technology ApS, Denmark.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TAS5001IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5001IPFB TI-TAS5001IPFB Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001IPFBG4 TI-TAS5001IPFBG4 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
More results

Similar Description - TAS5001IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5010 TI-TAS5010 Datasheet
229Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5010 DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015 Datasheet
240Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER TAS5015 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_15 Datasheet
404Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5010 DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_15 Datasheet
232Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS 5012 DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com