Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA9401 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SDA9401
Description  Scan Rate Converter using Embedded DRAM Technology Units
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA9401 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SDA9401 Datasheet HTML 17Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 18Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 19Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 20Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 21Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 22Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 23Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 24Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Micronas
21
Preliminary Data Sheet
SDA 9401
6.3.4 Noise reduction
The figure below shows a block diagram of the spatial and temporal motion adaptive noise
reduction (first order IIR filter). The spatial noise reduction of the luminance differs from the spatial
noise reduction of the chrominance. The structure of the temporal motion adaptive noise reduction
is the same for the luminance as for the chrominance signal.
Block diagram of noise reduction
6.3.4.1
Spatial noise reduction
Normally a spatial noise reduction reduces the resolution due to the low pass characteristic of the
used filter. Therefore the spatial noise reduction of the SDA 9401 works adaptive on the picture
content. The low pass filter process is only executed on a homogeneous area. That’s why an edge
detection controls the low pass filter process and depending on the result of the edge detection the
pixels for the low pass filter are chosen. The next figure shows a block diagram of the spatial noise
reduction. For the UV signal only a simple spatial noise reduction algorithm (vertical and/or
horizontal low pass filtering) is implemented.
YIN
Spatial
noise
reduction
Field
delay
YR
Motion
detector
Field
delay
UV1
Motion
detector
UVIN
TNRSEL
0
1
DY
DUV
Spatial
noise
reduction
SNRON
VCSNRON,
HCSNRON
TNRCLY,
TNRHOY,
TNRKOY,
TNRVAY,
TNRFIY,
NRON
TNRCLC,
TNRHOC,
TNRKOC,
TNRVAC,
TNRFIC,
NRON
KY
KUV
YSNR
UVSNR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com