Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA9401 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # SDA9401
Description  Scan Rate Converter using Embedded DRAM Technology Units
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA9401 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button SDA9401 Datasheet HTML 22Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 23Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 24Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 25Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 26Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 27Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 28Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 29Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
Micronas
26
Preliminary Data Sheet
SDA 9401
Example of noise measurement
Input write parameter
Input read parameter
Parameter
Subaddress
Description
NMALG
1Dh
Noise measurement algorithm
1: measurement during vertical blanking period (measure
line can be defined by NMLINE)
0: measurement in the first active line
NMLINE
28h
Line for noise measurement (only valid for NMALG=1)
Parameter
Subaddress
Description
NOISEME
32h
Noise level of the input signal: 0 (no noise), ... , 30
(strong noise) [31 (strong noise or measurement failed)]
NMSTATUS
33h
Signals a new value for NOISEME
1: a new value can be read
0: current noise measurement not finalized
(see also chapter I²C bus format on page 45)
12
3
4
5
6
7
625
624
623
Field1 (A)
313-1
314-2
315-3
316-4
317-5
318-6
319-7
312
311
310
Field2 (B)
PAL
H-sync
V-sync
H-sync
V-sync
VINDEL=0
NMLINE=0
Measure
NMLINE=3
VINDEL=0
NMLINE=0
Measure
NMLINE=3
Measure
Measure
:
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com