Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA9401 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SDA9401
Description  Scan Rate Converter using Embedded DRAM Technology Units
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDA9401 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SDA9401 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 10Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 11Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 12Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 13Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 14Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 15Page - List of Unclassifed Manufacturers SDA9401 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
Micronas
12
Preliminary Data Sheet
SDA 9401
signal.
Input read parameter
The figure below shows applications of the picture insert mode. For this feature an additional PIP
circuit (e.g. SDA 9388, SDA 9488/89) is necessary. Together with the PIP IV circuit (SDA 9488/89)
also split screen applications like double window are possible. The compression of the inserted
picture has also be done by the external PIP or front-end processor.
Picture insert mode: application examples picture tracking, random pictures
6.2
Input format conversion (IFC)
Input signals
The SDA 9401 accepts at the input side the sample frequency relations of Y : (B-Y) : (R-Y): 4:2:2
and CCIR 656. In case of CCIR 656 three modes are supported (FORMAT=11 means full CCIR 656
support, including H-, V-Sync and Field signal, FORMAT=01 means only data processing, H- and
V-Sync have to be added separately according PAL/NTSC norm, FORMAT=10 means only data
processing, H- and V-sync have to be added separately according CCIR656-PAL/NTSC norm). The
representation of the samples of the chrominance signal is programmable as positive dual code
(unsigned, parameter TWOIN=0) or two's complement code (TWOIN=1, see also
chapter I²C bus
format on page 45, I²C bus parameter 00h). Inside the SDA 9401 all algorithms assume positive
dual code.
Parameter
Subaddress
Description
TVMODE
33h
TV standard of the incoming signal:
1: NTSC
0: PAL
Signals
Pin number
Description
YIN0...7
43, 44, 45, 46, 47, 48, 49, 50 luminance input
UVIN0...7
31, 32, 33, 34, 37, 38, 39, 40 chrominance input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com