Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6552IDD Datasheet(PDF) 8 Page - Linear Technology

Part # LT6552IDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552IDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6552IDD Datasheet HTML 4Page - Linear Technology LT6552IDD Datasheet HTML 5Page - Linear Technology LT6552IDD Datasheet HTML 6Page - Linear Technology LT6552IDD Datasheet HTML 7Page - Linear Technology LT6552IDD Datasheet HTML 8Page - Linear Technology LT6552IDD Datasheet HTML 9Page - Linear Technology LT6552IDD Datasheet HTML 10Page - Linear Technology LT6552IDD Datasheet HTML 11Page - Linear Technology LT6552IDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6552
8
6552f
FREQUENCY (Hz)
100
225
200
175
150
125
100
75
50
25
1k
10k
100k
6552 G11
FREQUENCY (Hz)
100
5
4
3
2
1
0
1k
10k
100k
6552 G12
FREQUENCY (Hz)
1M
10M
6552 G13
100k
100M
10
9
8
7
6
5
4
3
2
1
0
70
60
50
40
30
20
10
0
–10
–20
–30
140
120
100
80
60
40
20
0
–20
–40
–60
FREQUENCY (Hz)
6.2
6.1
6.0
5.9
5.8
5.7
10k
1M
10M
100M
6552 G14
6552 G15
100k
FREQUENCY (Hz)
100k
10M
100M
500M
1M
TEMPERATURE (
°C)
–50
140
120
100
80
40
30
20
25
75
6552 G16
–25
0
50
100
125
TEMPERATURE (
°C)
–50
85
80
75
70
65
60
55
25
75
6552 G18
–25
0
50
100
125
TOTAL SUPPLY VOLTAGE (V)
0
130
120
110
40
30
20
4
8
10
6552 G17
2
6
12
14
VS = 5V, 0V
VCM = 1V
VS = 5V, 0V
VCM = 1V
AV = 2
VOUT = 1.5V DC
VS = 3.3V, 0V
CL = 5pF
RL = 1k
AV = 2
RL = 150Ω
AV = 2
VOUT = 1.5V DC
VS = 3.3V, 0V
CL = 5pF
RL = 1k
TA = 25°C
7
6
LT6552
4
1
8
VOUT
+
3
–
REF
FB
2
RF
500
Ω
RG
500
Ω
3.3V
RL
150
Ω
CF
8pF
VIN
VDC
7
6
LT6552
4
1
8
VOUT
+
3
–
REF
FB
2
RF
500
Ω
RG
500
Ω
3.3V
RL
150
Ω
CF
8pF
VIN
VDC
PHASE
GAIN
VS = ±5V
VS = 3.3V, OV
VCM = 1V
VS = 3.3V, OV
VCM = 1V
VS = ±5V
VS = 3.3V, OV
VCM = 1V
VS = 3.3V, OV
VOUT = 1.5V
VS = 3.3V, OV
VCM = 1V
VS = ±5V
VS = ±5V
VS = ±5V
PHASE MARGIN
PHASE MARGIN
GAIN BANDWIDTH PRODUCT
GAIN BANDWIDTH PRODUCT
CL = 5pF
RL = 1k
TA = 25°C
VCM =1V
OUTPUT VOLTAGE (V)
500
400
300
200
100
0
–100
–200
–300
–400
–500
6552 G10
0123
4
5
–1
–2
–3
–4
–5
VS = ±5V
RL = 150Ω
RL = 1k
0.1M
Open-Loop Gain
TYPICAL PERFOR A CE CHARACTERISTICS
Input Noise Voltage Density vs
Frequency
Input Noise Current Density vs
Frequency
Closed-Loop Voltage Gain vs
Frequency
Gain Flatness vs Frequency
Open-Loop Gain and Phase vs
Frequency
Gain Bandwidth Product and
Phase Margin vs Temperature
Gain Bandwidth Product and
Phase Margin vs Supply Voltage
–3dB Bandwidth vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com