Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6552IDD Datasheet(PDF) 4 Page - Linear Technology

Part # LT6552IDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552IDD Datasheet(HTML) 4 Page - Linear Technology

  LT6552IDD Datasheet HTML 1Page - Linear Technology LT6552IDD Datasheet HTML 2Page - Linear Technology LT6552IDD Datasheet HTML 3Page - Linear Technology LT6552IDD Datasheet HTML 4Page - Linear Technology LT6552IDD Datasheet HTML 5Page - Linear Technology LT6552IDD Datasheet HTML 6Page - Linear Technology LT6552IDD Datasheet HTML 7Page - Linear Technology LT6552IDD Datasheet HTML 8Page - Linear Technology LT6552IDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6552
4
6552f
5V ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V; Figure 1 shows the DC test circuit,
VREF = VCM = 1V, VDIFF = 0V, VSHDN = V
+, unless otherwise noted. RL = RF + RG = 1k. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Both Inputs (Note 7)
5
20
mV
q
25
mV
∆VOS/∆T
Input VOS Drift
q
40
µV/°C
IB
Input Bias Current
Any Input
q
20
50
uA
IOS
Input Offset Current
Either Input Pair
q
15
uA
en
Input Noise Voltage Density
f = 10kHz
55
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
0.7
pA/
√Hz
RIN
Input Resistance
Common Mode, VCM = 0V to 3V
300
k
Ω
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3V
q
58
83
dB
Input Range
q
03
V
PSRR
Power Supply Rejection
VS = 3V to 12V
q
48
54
dB
Minimum Supply (Note 8)
q
3V
GE
Gain Error
VO = 0.5V to 3.5V, RL = 1k
q
13
%
RL = 150Ω
q
13
%
VOH
Swing High
(VDIFF = 0.6V), VREF(Pin 1) = 0V, AV = 10
RL = 1k
q
4.8
4.875
V
RL = 150Ω
q
3.6
4.3
V
RL = 75Ω, 0°C ≤ TA ≤ 70°C (Only)
q
2.75
3.4
V
VOL
Swing Low
(VDIFF = –0.1V), VREF (Pin 1) = 0V, AV = 10
RL = 1k
q
850
mV
ISINK = 5mA
q
65
120
mV
ISINK = 10mA
q
110
200
mV
SR
Slew Rate
VOUT = 0.5V to 3.5V
Measure from 1V to 3V, RL = 150Ω, AV = 2
450
V/
µs
FPBW
Full-Power Bandwidth (Note 9)
VO = 2VP-P
70
MHz
BW
Small-Signal –3dB Bandwidth
AV = 2, RL = 150Ω
70
MHz
tr, tf
Rise Time, Fall Time
5V, 0V; AV = 50, VO = 0.5V to 3.5V,
125
175
ns
20% to 80%, RL = 1k
tS
Settling Time to 3%
AV = 2, ∆VOUT = 2V, Positive Step
20
ns
Settling Time to 1%
RL = 150Ω
30
ns
Differential Gain
AV = 2, RL = 150Ω, Output Black Level = 1V
0.25
%
Differential Phase
AV = 2, RL = 150Ω, Output Black Level = 1V
0.04
Deg
ISC
Short-Circuit Current
VOUT = 0V, VDIFF = 1V
50
70
mA
0
°C ≤ TA ≤ 70°C
q
45
mA
–40
°C ≤ TA ≤ 85°C
q
35
mA
IS
Supply Current
13.5
14.5
mA
q
16
mA
Supply Current Shutdown
VSHDN = 0.5V
q
400
900
µA
VL
Shutdown Pin Input Low Voltage
q
0.5
V
VH
Shutdown Pin Input High Voltage
q
4.7
V
Shutdown Pin Current
VSHDN = 0.5V
q
60
200
µA
VSHDN = 4.7V
q
410
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com