Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6552IDD Datasheet(PDF) 6 Page - Linear Technology

Part # LT6552IDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552IDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6552IDD Datasheet HTML 2Page - Linear Technology LT6552IDD Datasheet HTML 3Page - Linear Technology LT6552IDD Datasheet HTML 4Page - Linear Technology LT6552IDD Datasheet HTML 5Page - Linear Technology LT6552IDD Datasheet HTML 6Page - Linear Technology LT6552IDD Datasheet HTML 7Page - Linear Technology LT6552IDD Datasheet HTML 8Page - Linear Technology LT6552IDD Datasheet HTML 9Page - Linear Technology LT6552IDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6552
6
6552f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown Pin Current
VSHDN = –4.5V
q
85
250
µA
VSHDN = 4.7V
q
310
µA
tON
Turn-On Time
VSHDN from – 4.5V to 4.7V
200
ns
tOFF
Turn-Off Time
VSHDN from 4.7V to –4.5V
400
ns
Shutdown Output Leakage Current
VSHDN = –4.5V, V– ≤ VOUT ≤ V+
q
0.25
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V. Figure 2 shows the DC test circuit, VREF = VCM = 0V,
VDIFF = 0V, VSHDN = V
+, unless otherwise noted. RL = RF + RG = 1k. (Note 6)
±5V ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected from ESD with diodes to the supplies.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 4: The LT6552C/LT6552I are guaranteed functional over the
temperature range of –40
°C to 85°C.
Note 5: The LT6552C is guaranteed to meet specified performance from
0
°C to 70°C and is designed, characterized and expected to meet specified
performance from –40
°C to 85°C, but is not tested or QA sampled at these
temperatures. The LT6552I is guaranteed to meet specified performance
from – 40
°C to 85°C.
Note 6: When RL = 1k is specified, the load resistor is RF + RG, but when
RL = 150Ω or RL = 75Ω is specified, then an additional resistor of that
value is added to the output.
Note 7: VOS measured at the output (Pin 6) is the contribution from both
input pairs and is input referred.
Note 8: Minimum supply is guaranteed by the PSRR test.
Note 9: Full power bandwidth is calculated from the slew rate.
FPBW = SR/2
πVp
Note 10: VS = 3.3V, tr and tf limits are guaranteed by correlation to
VS = 5V and ±5V tests.
Figure 1. 3.3V, 5V DC Test Circuit
Figure 2.
±5V DC Test Circuit
REF
–IN
+IN
V–
FB
V+
OUT
SHDN
+
–
+
–
–
+
+
–
+
–
VDIFF
VREF
VCM
VSHDN
V+
RG
100
Ω
0.1%
RF
900
Ω
0.1%
RL
6552 F01
1
µF
REF
–IN
+IN
V–
FB
V+
OUT
SHDN
+
–
+
–
+
–
VDIFF
VCM
VSHDN
V+
V–
RG
100
Ω
0.1%
RF
900
Ω
0.1%
RL
6552 F02
1
µF
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com