Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2674 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2674
Description  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2674 Datasheet HTML 7Page - National Semiconductor (TI) LM2674 Datasheet HTML 8Page - National Semiconductor (TI) LM2674 Datasheet HTML 9Page - National Semiconductor (TI) LM2674 Datasheet HTML 10Page - National Semiconductor (TI) LM2674 Datasheet HTML 11Page - National Semiconductor (TI) LM2674 Datasheet HTML 12Page - National Semiconductor (TI) LM2674 Datasheet HTML 13Page - National Semiconductor (TI) LM2674 Datasheet HTML 14Page - National Semiconductor (TI) LM2674 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LM2674 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
The capacitor list contains through-hole electrolytic capacitors
from four different capacitor manufacturers and surface mount
tantalum capacitors from two different capacitor manufacturers.
It is recommended that both the manufacturers and the
manufacturer’s series that are listed in the table be used. A
table listing the manufacturers’ phone numbers is located in
Figure 11.
Surface Mount:
68 µF/10V
Sprague 594D Series.
100 µF/10V
AVX TPS Series.
Through Hole:
68 µF/10V
Sanyo OS-CON SA Series.
150 µF/35V
Sanyo MV-GX Series.
150 µF/35V
Nichicon PL Series.
150 µF/35V
Panasonic HFQ Series.
3. Catch Diode Selection (D1)
A. In normal operation, the average current of the catch diode is
the load current times the catch diode duty cycle, 1-D (D is the
switch duty cycle, which is approximately the output voltage
divided by the input voltage). The largest value of the catch
diode average current occurs at the maximum load current and
maximum input voltage (minimum D). For normal operation, the
catch diode current rating must be at least 1.3 times greater
than its maximum average current. However, if the power supply
design must withstand a continuous output short, the diode
should have a current rating equal to the maximum current limit
of the LM2674. The most stressful condition for this diode is a
shorted output condition.
3. Catch Diode Selection (D1)
A. Refer to the table shown in Figure 12. In this example, a 1A,
20V Schottky diode will provide the best performance. If the
circuit must withstand a continuous shorted output, a higher
current Schottky diode is recommended.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. Because of their fast switching speed and low forward
voltage drop, Schottky diodes provide the best performance and
efficiency. This Schottky diode must be located close to the
LM2674 using short leads and short printed circuit traces.
4. Input Capacitor (C
IN)
4. Input Capacitor (C
IN)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com