Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2674 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2674
Description  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM2674 Datasheet HTML 15Page - National Semiconductor (TI) LM2674 Datasheet HTML 16Page - National Semiconductor (TI) LM2674 Datasheet HTML 17Page - National Semiconductor (TI) LM2674 Datasheet HTML 18Page - National Semiconductor (TI) LM2674 Datasheet HTML 19Page - National Semiconductor (TI) LM2674 Datasheet HTML 20Page - National Semiconductor (TI) LM2674 Datasheet HTML 21Page - National Semiconductor (TI) LM2674 Datasheet HTML 22Page - National Semiconductor (TI) LM2674 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LM2674 Series Buck Regulator Design Procedure (Adjustable Output)
(Continued)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
B. Select an appropriate capacitor value and voltage rating,
using the capacitor code, from the output capacitor selection
table in Figure 17. There are two solid tantalum (surface mount)
capacitor manufacturers and four electrolytic (through hole)
capacitor manufacturers to choose from. It is recommended that
both the manufacturers and the manufacturer’s series that are
listed in the table be used. A table listing the manufacturers’
phone numbers is located in Figure 11.
B. From the output capacitor selection table in Figure 17,
choose a capacitor value (and voltage rating) that intersects the
capacitor code(s) selected in section A, C20.
The capacitance and voltage rating values corresponding to the
capacitor code C20 are the:
Surface Mount:
33 µF/25V
Sprague 594D Series.
33 µF/25V
AVX TPS Series.
Through Hole:
33 µF/25V
Sanyo OS-CON SC Series.
120 µF/35V
Sanyo MV-GX Series.
120 µF/35V
Nichicon PL Series.
120 µF/35V
Panasonic HFQ Series.
Other manufacturers or other types of capacitors may also be
used, provided the capacitor specifications (especially the 100
kHz ESR) closely match the characteristics of the capacitors
listed in the output capacitor table. Refer to the capacitor
manufacturers’ data sheet for this information.
4. Catch Diode Selection (D1)
A. In normal operation, the average current of the catch diode is
the load current times the catch diode duty cycle, 1-D (D is the
switch duty cycle, which is approximately V
OUT/VIN). The largest
value of the catch diode average current occurs at the maximum
input voltage (minimum D). For normal operation, the catch
diode current rating must be at least 1.3 times greater than its
maximum average current. However, if the power supply design
must withstand a continuous output short, the diode should have
a current rating greater than the maximum current limit of the
LM2674. The most stressful condition for this diode is a shorted
output condition.
4. Catch Diode Selection (D1)
A. Refer to the table shown in Figure 12. Schottky diodes
provide the best performance, and in this example a 500mA,
40V Schottky diode would be a good choice. If the circuit must
withstand a continuous shorted output, a higher current (at least
1.2A) Schottky diode is recommended.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
C. Because of their fast switching speed and low forward
voltage drop, Schottky diodes provide the best performance and
efficiency. The Schottky diode must be located close to the
LM2674 using short leads and short printed circuit traces.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com