Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2674 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2674
Description  SIMPLE SWITCHER Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2674 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM2674 Datasheet HTML 18Page - National Semiconductor (TI) LM2674 Datasheet HTML 19Page - National Semiconductor (TI) LM2674 Datasheet HTML 20Page - National Semiconductor (TI) LM2674 Datasheet HTML 21Page - National Semiconductor (TI) LM2674 Datasheet HTML 22Page - National Semiconductor (TI) LM2674 Datasheet HTML 23Page - National Semiconductor (TI) LM2674 Datasheet HTML 24Page - National Semiconductor (TI) LM2674 Datasheet HTML 25Page - National Semiconductor (TI) LM2674 Datasheet HTML 26Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Application Information
TYPICAL SURFACE MOUNT PC BOARD LAYOUT,
FIXED OUTPUT (4X SIZE)
10004136
CIN - 15 µF, 25V, Solid Tantalum Sprague, “594D series”
COUT - 68 µF, 10V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 47 µH, L13, Coilcraft DO3308
CB - 0.01 µF, 50V, Ceramic
TYPICAL SURFACE MOUNT PC BOARD LAYOUT,
ADJUSTABLE OUTPUT (4X SIZE)
10004137
CIN - 15 µF, 50V, Solid Tantalum Sprague, “594D series”
COUT - 33 µF, 25V, Solid Tantalum Sprague, “594D series”
D1 - 1A, 40V Schottky Rectifier, Surface Mount
L1 - 100 µH, L20, Coilcraft DO3316
CB - 0.01 µF, 50V, Ceramic
R1 - 1k, 1%
R2 - Use formula in Design Procedure
FIGURE 18. PC Board Layout
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com