Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1572 Datasheet(PDF) 3 Page - NEC

Part # 2SB1572
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB1572 Datasheet(HTML) 3 Page - NEC

  2SB1572 Datasheet HTML 1Page - NEC 2SB1572 Datasheet HTML 2Page - NEC 2SB1572 Datasheet HTML 3Page - NEC 2SB1572 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet D11204EJ3V0DS
3
2SB1572
SWITCHING CHARACTERISTICS
IC - Collector Current - A
10
1
2
5
0.01
0.02
0.05
0.1
0.2
0.5
tf
ton
tstg
−0.1
−0.02 −0.05
−0.01
−0.2 −0.5
−10
−1
−2
−5
VCC =
−10 V
IC = 20 IB
.
IB1 =
−IB2
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
−1000
−500
−200
−100
−50
−20
−10
−1
−2
−5
IC = 50 IB
.
IC - Collector Current - A
−0.1
−0.02 −0.05
−0.01
−0.2 −0.5
−10
−1
−2
−5
TA = 125˚C
75˚C
25˚C
0˚C
−25˚C
OUTPUT CAPACITANCE vs.
REVERSE VOLTAGE
1000
200
500
100
50
20
10
VCB - Collector to Base Voltage - V
f = 1.0 MHz
−1
−0.2
−0.5
−0.1
−2
−5
−100
−10 −20
−50
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
1000
200
500
100
50
20
10
IE - Emitter Current - A
VCE =
−10 V
0.1
0.02
0.05
0.01
0.2
0.5
10
12
5
−10
−1
−0.5
−0.2
−0.1
−5
IC = 20 IB
.
BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
IC - Collector Current - A
−0.1
−0.02 −0.05
−0.01
−0.2 −0.5
−10
−1
−2
−5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com