Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1572 Datasheet(PDF) 1 Page - NEC

Part # 2SB1572
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB1572 Datasheet(HTML) 1 Page - NEC

  2SB1572 Datasheet HTML 1Page - NEC 2SB1572 Datasheet HTML 2Page - NEC 2SB1572 Datasheet HTML 3Page - NEC 2SB1572 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
2001
PNP SILICON EPITAXIAL TRANSISTOR
2SB1572
PNP SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No.
D11204EJ3V0DS00 (3rd edition)
Date Published
July 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
• Low VCE(sat): VCE(sat)1 ≤ −0.4 V
• Complementary to 2SD2403
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
−80
V
Collector to Emitter Voltage
VCEO
−60
V
Emitter to Base Voltage
VEBO
−6.0
V
Collector Current (DC)
IC(DC)
−3.0
A
Collector Current (pulse)
Note1
IC(pulse)
−5.0
A
Base Current (DC)
IB(DC)
−0.2
A
Base Current (pulse)
Note1
IB(pulse)
−0.4
A
Total Power Dissipation
Note2
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. When mounted on ceramic substrate of 16 cm
2 x 0.7 mm
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB =
−80 V, IE = 0
−100
nA
Emitter Cut-off Current
IEBO
VEB =
−6.0 V, IC = 0
−100
nA
DC Current Gain
Note
hFE1
VCE =
−2.0 V, IC = −0.1 A
80
−
hFE2
VCE =
−2.0 V, IC = −1.0 A
100
200
400
−
Base to Emitter Voltage
Note
VBE
VCE =
−2.0 V, IC = −0.1 A
−0.63
−0.685
−0.73
V
Collector Saturation Voltage
Note
VCE(sat)1
IC =
−2.0 A, IB = −0.1 A
−0.2
−0.4
V
Collector Saturation Voltage
Note
VCE(sat)2
IC =
−3.0 A, IB = −0.15 A
−0.3
−0.6
V
Base Saturation Voltage
Note
VBE(sat)
IC =
−2.0 A, IB = −0.1 A
−0.89
−1.2
V
Gain Bandwidth Product
fT
VCE =
−10 V, IE = 0.3 A
160
MHz
Output Capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
45
pF
Turn-on Time
ton
IC =
−1.0 A, VCC = −10 V,
155
ns
Storage Time
tstg
RL = 5.0
Ω, IB1 = −IB2 = −0.1 A,
510
ns
Fall Time
tf
35
ns
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSFICATION
Marking
HX
HY
HZ
hFE2
100 to 200
160 to 320
200 to 400
PACKAGE DRAWING (Unit: mm)
1.6±0.2
4.5±0.1
0.42
±0.06
1.5
0.42
±0.06
0.47
±0.06
3.0
0.41
+0.03
–0.05
1.5±0.1
E
C
B
E: Emitter
C: Collector (Fin)
B: Base


Similar Part No. - 2SB1572

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1572 KEXIN-2SB1572 Datasheet
53Kb / 2P
Silicon PNP Epitaxial Planar
logo
Renesas Technology Corp
2SB1572 RENESAS-2SB1572 Datasheet
177Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
Guangdong Kexin Industr...
2SB1572-X KEXIN-2SB1572-X Datasheet
1Mb / 3P
PNP Transistors
2SB1572-Y KEXIN-2SB1572-Y Datasheet
1Mb / 3P
PNP Transistors
2SB1572-Z KEXIN-2SB1572-Z Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SB1572

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com