Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1572 Datasheet(PDF) 2 Page - NEC

Part # 2SB1572
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB1572 Datasheet(HTML) 2 Page - NEC

  2SB1572 Datasheet HTML 1Page - NEC 2SB1572 Datasheet HTML 2Page - NEC 2SB1572 Datasheet HTML 3Page - NEC 2SB1572 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet D11204EJ3V0DS
2
2SB1572
TYPICAL CHARACTERISTICS (TA = 25°C)
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
−1000
−500
−200
−100
−50
−20
−10
−1
−2
−5
IC = 20 IB
.
IC - Collector Current - A
−0.1
−0.02 −0.05
−0.01
−0.2 −0.5
−10
−1
−2
−5
TA = 125˚C
75˚C
25˚C
0˚C
−25˚C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
−500
−300
−700
−900
−1100
−10
−5
−2
−1
−0.5
−0.2
−0.1
−0.05
−0.02
−0.01
−0.005
−0.002
−0.001
VBE - Base to Emitter Voltage - mV
VCE =
−2 V
DC CURRENT GAIN vs. COLLECTOR CURRENT
−0.1
−0.02 −0.05
−0.01
−0.2 −0.5
−10
−1
−2
−5
1000
100
10
IC - Collector Current - A
VCE =
−2 V
TA = 125˚C
75˚C
25˚C
0˚C
−25˚C
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
−0.2
−0.4
−0.6
−0.8
−1.0
−2.0
−1.6
−1.2
−0.8
−0.4
IB =
−10 mA
−20 mA
−30
mA
−40
mA
VCE - Collector to Emitter Voltage - V
FORWARD BIAS SAFE OPERATING AREA
−5
−2
−1
−10
−100
−20
−50
−10
−2
−5
−1
−0.5
−0.2
−0.1
VCE - Collector to Emitter Voltage - V
TA = 25˚C
Single Pulse
100
ms
DC
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
0
120
90
30
150
60
100
80
40
60
20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com