Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2792 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2792
Description  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2792 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2792 Datasheet HTML 2Page - National Semiconductor (TI) LM2792 Datasheet HTML 3Page - National Semiconductor (TI) LM2792 Datasheet HTML 4Page - National Semiconductor (TI) LM2792 Datasheet HTML 5Page - National Semiconductor (TI) LM2792 Datasheet HTML 6Page - National Semiconductor (TI) LM2792 Datasheet HTML 7Page - National Semiconductor (TI) LM2792 Datasheet HTML 8Page - National Semiconductor (TI) LM2792 Datasheet HTML 9Page - National Semiconductor (TI) LM2792 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Circuit Description
The LM2792 provides two matched current sources for driv-
ing high forward voltage drop LEDs from Li-Ion battery
sources. The part has on-chip current regulators which are
composed of current mirrors with a 25 to 1 ratio. The mirrors
control the LED current without using current limiting resis-
tors in the LED current path. The device can drive up to
34mA through the Leds.
The LED brightness can be controlled by both analog and/or
digital methods. The digital technique uses a PWM (Pulse
Width Modulation) signal applied to the shutdown input. The
analog technique applies an analog voltage to the brightness
(BRGT) pin (see Application Information section).
Application Information
SOFT START
LM2792 includes a soft start function to reduce the inrush
currents and high peak current during power up of the de-
vice. Soft start is implemented internally by ramping the
bandgap more slowly than the applied voltage. This is done
by holding the bandgap in shutdown for a short time. During
soft start, the switch resistances limit the inrush current used
to charge the flying and hold capacitors.
SHUTDOWN MODE
A shutdown pin (SD or SD) is available to disable the
LM2792 and reduce the quiescent current to 1µA maximum.
The LM2792 is available with both senses of shutdown
polarity.
During normal operation mode of the ’-L’ options, an active
high logic signal to the SD pin or tying the SD pin to V
IN, will
enable the device. Pulling SD low or connecting SD to
ground will disable the device.
During normal operation mode of the ’-H’ options, an active
low logic signal to the SD pin or tying the SD pin to GND, will
enable the device. Pulling SD high or connecting SD to V
IN
will disable the device.
CAPACITOR SELECTION
Low equivalent series resistance (ESR) capacitors such as
X5R or X7R are recommended to be used for C
IN, C1, and
C
HOLD for best performance. Ceramic capacitors with less
than or equal to 0.3 ohms ESR value are recommended for
this application. Table 1 below lists suggested capacitor
suppliers for the typical application circuit.
TABLE 1. Low ESR Capacitor Manufactures
Manufacturer
Contact
website
TDK
(847) 803 6100
www.component.tdk.com
MuRata
(800) 831 9172
www.murata.com
Taiyo Yuden
(800) 348 2496
www.t-yuden.com
SCHOTTKY DIODE SELECTION
A schottky diode (SD1) must be used between V
IN and POUT
for proper operation. During start-up, the low voltage drop
across this diode is used to charge C
OUT and start the
oscillator. It is necessary to protect the device from
turning-on its own parasitic diode and potentially latching-up.
As a result, it is important to select a schottky diode that will
carry at least 200mA or higher current to charge the output
capacitor during start-up. A schottky diode like 1N5817 can
20024204
FIGURE 1.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com