Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2792 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2792
Description  Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2792 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2792 Datasheet HTML 1Page - National Semiconductor (TI) LM2792 Datasheet HTML 2Page - National Semiconductor (TI) LM2792 Datasheet HTML 3Page - National Semiconductor (TI) LM2792 Datasheet HTML 4Page - National Semiconductor (TI) LM2792 Datasheet HTML 5Page - National Semiconductor (TI) LM2792 Datasheet HTML 6Page - National Semiconductor (TI) LM2792 Datasheet HTML 7Page - National Semiconductor (TI) LM2792 Datasheet HTML 8Page - National Semiconductor (TI) LM2792 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM2792
Current Regulated Switched Capacitor LED Driver with
Analog Brightness Control
General Description
The LM2792 is a CMOS charge-pump voltage doubler and
regulator that provides two regulated current sources. They
are designed to drive two white (or blue) LEDs with matched
currents (within ± 0.3%) to produce balanced light sources
for display backlights. The LM2792 accepts an input voltage
range from 3.0V to 5.8V and maintain a constant current
determined by an external set resistor.
The LM2792 delivers up to 34mA of load current to accom-
modate two high forward voltage (typically white) LEDs. The
switching frequency is 900kHz (min.) to keep the conducted
noise spectrum away from sensitive frequencies within por-
table RF devices.
The LM2792 offers full off to maximum current control
through the BRGT pin. The output current linearly tracks the
BRGT pin voltage. The LM2792 is available in active high or
low shutdown versions. The shutdown pin reduces the op-
erating current to 1µA (max.).
The LM2792 is available in a 10 pin leadless leadframe
(LLP) CSP package.
Features
n
Output matching of ± 0.3% (typ.)
n
Drives up to two LED’s
n
3.0V to 5.8V Input Voltage
n
Up to 34mA output current
n
Soft start limits inrush current
n
Analog brightness control
n
Separate shutdown input
n
Very small solution size and no inductor
n
1.4mA typical operating current
n
1µA (max.) shutdown current
n
900kHz switching frequency (min.)
n
Linear regulation generates predictable noise spectrum
n
LLP-10 package: 3mm X 3mm X 0.8mm
Applications
n
White LED Display Backlights
n
White LED Keypad Backlights
n
1-Cell Li-Ion battery-operated equipment including
PDAs, hand-held PCs, cellular phones
n
Flat Panel Dispalys
Basic Application Circuit
20024201
July 2002
© 2002 National Semiconductor Corporation
DS200242
www.national.com


Similar Part No. - LM2792

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM2791LD-H NSC-LM2791LD-H Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791LD-L NSC-LM2791LD-L Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2791LD-L TI1-LM2791LD-L Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
More results

Similar Description - LM2792

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2794 NSC-LM2794 Datasheet
487Kb / 16P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2751 NSC-LM2751 Datasheet
8Kb / 11P
Regulated 2X, 1.5X Switched Capacitor White LED Driver
LM3503 NSC-LM3503 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM2794 TI1-LM2794_14 Datasheet
1Mb / 21P
Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
LM2791 TI1-LM2791 Datasheet
1Mb / 18P
LM2791 Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2794 TI1-LM2794 Datasheet
1Mb / 24P
LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
Dual-Display Constant Current LED Driver with Analog Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com