Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8738 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8738 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
9
DEVICE DESCRIPTION
INTRODUCTION
The WM8738 is an ADC designed for audio recording. It’s features, performance and low power
consumption make it ideal for recordable CD or DVD players, karaoke, MP3 players and mini-disc
players.
The on-board stereo analogue to digital converter (ADC) is of a high quality using a multi-bit high-
order oversampling architecture delivering optimum performance with low power consumption. The
ADC includes a selectable digital high pass filter to remove unwanted DC components from the audio
signal. The device supports system clock inputs of 256, 384, 512fs or 768fs (fs is the sampling rate)
The output from the ADC is available on the digital audio interface in either I
2S or left justified audio
data formats.
The line inputs are biased internally through the operational amplifier to VCAP.
ADC
The WM8738 uses a multi-bit over sampled sigma-delta ADC. A single channel of the ADC is
illustrated in Figure 3.
LIN/RIN
ANALOG
INTEGRATOR
MULTI
BITS
TO ADC DIGITAL FILTERS
Figure 3 Multi-Bit Oversampling Sigma Delta ADC Schematic
The use of multi-bit feedback and high oversampling rates reduces the effects of jitter and high
frequency noise.
The ADC Full Scale input is 1.0V rms at AVDD = 5.0 volts. Any voltage greater than full scale will
possibly overload the ADC and cause distortion. Note that the full scale input tracks directly with
AVDD.
The ADC filters perform true 24 bit signal processing to convert the raw multi-bit oversampled data
from the ADC to the correct sampling frequency to be output on the digital audio interface.
ADC DIGITAL FILTER
The ADC digital filters contain a digital high pass filter, selectable via pin NOHP.
NOHP = 0
Digital high pass filter enabled
NOHP = 1
Digital high pass filter bypassed
The high-pass filter response detailed in Digital Filter Characteristics. The operation of the high pass
filter removes residual DC offsets that are present on the audio signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com