Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8738 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8738 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WM8738
Production Data
w
PD Rev 4.3 November 2004
3
PIN CONFIGURATION
WM8738
1
2
3
4
5
6
7
MCLK
LIN
AVDD
AGND
LRCLK
NOHP
SDATO
DGND
CAP
FMT
BCLK
DVDD
8
9
10
11
14
13
12
RIN
VREF
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8738ED
-25 to +85
oC
14-pin SOIC
MSL 1
240°C
WM8738ED/R
-25 to +85
oC
14-pin SOIC
(tape and reel)
MSL 1
240°C
WM8738GED/V
-25 to +85
oC
14-pin SOIC
(lead free)
MSL 2
260°C
WM8738GED/RV
-25 to +85
oC
14-pin SOIC
(lead free, tape and reel)
MSL 2
260°C
Note:
Reel quantity = 3,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com