Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8738 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8738
Description  24 BIT STEREO ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8738 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8738 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8738 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
w
WM8738
24 Bit Stereo ADC
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, November 2004, Rev 4.3
Copyright
 2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8738 is a high performance stereo audio ADC
designed for consumer applications.
Stereo line-level audio inputs are provided, along with a
control input pin to allow operation of the audio interface in
either one of two industry standard modes. The device also
has a selectable digital high pass filter to remove residual
DC offsets.
Stereo 24-bit multi-bit sigma delta ADCs are provided, along
with oversampling digital interpolation filters. 24-bit digital
audio output word lengths and sampling rates from 32kHz
to 96kHz are supported.
The device is available in a small 14-pin SOIC package.
FEATURES
•
Audio Performance
-
90 dB SNR (‘A’ weighted @ 48kHz)
•
3.0 – 5.5V Analogue Supply Operation
•
3.0 – 3.6V Digital Supply Operation
•
ADC Sampling Frequency: 32kHz – 96kHz
•
Selectable ADC High Pass Filter
•
Selectable Audio Data Interface Modes
-
I
2S or Left Justified
•
14-pin SOIC Package
APPLICATIONS
•
CD and Minidisc Recorders
•
DVD Players
•
General Purpose Audio Conversion
BLOCK DIAGRAM


Similar Part No. - WM8738

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
137Kb / 18P
24 Bit Stereo ADC
logo
Cirrus Logic
WM8738 CIRRUS-WM8738 Datasheet
744Kb / 15P
WM8738 Evaluation Board User Handbook
logo
Wolfson Microelectronic...
WM8738GED/RV WOLFSON-WM8738GED/RV Datasheet
137Kb / 18P
24 Bit Stereo ADC
WM8738GED/V WOLFSON-WM8738GED/V Datasheet
137Kb / 18P
24 Bit Stereo ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
24 Bit Stereo ADC
More results

Similar Description - WM8738

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
24 Bit Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com